| Electronic Components Datasheet Search |
|
AD6655 Datasheet(PDF) 49 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD6655 Datasheet(HTML) 49 Page - Analog Devices |
|
49 / 88 page ![]() AD6655 Rev. A | Page 49 of 88 CONFIGURATION WITHOUT THE SPI In applications that do not interface to the SPI control registers, the SDIO/DCS pin, the SCLK/DFS pin, the SMI SDO/OEB pin, and the SMI SCLK/PDWN pin serve as standalone CMOS- compatible control pins. When the device is powered up, it is assumed that the user intends to use the pins as static control lines for the duty cycle stabilizer, output data format, output enable, and power-down feature control. In this mode, the CSB chip select should be connected to AVDD, which disables the serial port interface. Table 27. Mode Selection Pin External Voltage Configuration SDIO/DCS AVDD (default) Duty cycle stabilizer enabled AGND Duty cycle stabilizer disabled SCLK/DFS AVDD Twos complement enabled AGND (default) Offset binary enabled SMI SDO/OEB AVDD Outputs in high impedance AGND (default) Outputs enabled SMI SCLK/PDWN AVDD Chip in power-down or standby AGND (default) Normal operation SPI ACCESSIBLE FEATURES Table 28 provides a brief description of the general features that are accessible via the SPI. These features are described in detail in Application Note AN-877, Interfacing to High Speed ADCs via SPI (see www.analog.com). The AD6655 part-specific features are described in the Memory Map Register Description section. Table 28. Features Accessible Using the SPI Feature Name Description Mode Allows the user to set either power-down mode or standby mode Clock Allows the user to access the DCS via the SPI Offset Allows the user to digitally adjust the converter offset Test I/O Allows the user to set test modes to have known data on output bits Output Mode Allows the user to set up outputs Output Phase Allows the user to set the output clock polarity Output Delay Allows the user to vary the DCO delay VREF Allows the user to set the reference voltage DON’T CARE DON’T CARE DON’T CARE DON’T CARE SDIO SCLK CSB tS tDH tCLK tDS tH R/W W1 W0 A12 A11 A10 A9 A8 A7 D5 D4 D3 D2 D1 D0 tLOW tHIGH Figure 81. Serial Port Interface Timing Diagram |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |