Electronic Components Datasheet Search
  English  ▼

X  

BF516 Datasheet(PDF) 36 Page - Analog Devices

Part # BF516
Description  Blackfin Embedded Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

BF516 Datasheet(HTML) 36 Page - Analog Devices

Back Button BF516 Datasheet HTML 32Page - Analog Devices BF516 Datasheet HTML 33Page - Analog Devices BF516 Datasheet HTML 34Page - Analog Devices BF516 Datasheet HTML 35Page - Analog Devices BF516 Datasheet HTML 36Page - Analog Devices BF516 Datasheet HTML 37Page - Analog Devices BF516 Datasheet HTML 38Page - Analog Devices BF516 Datasheet HTML 39Page - Analog Devices BF516 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
Rev. B
|
Page 36 of 68
|
January 2011
ADSP-BF512/BF512F, BF514/BF514F, BF516/BF516F, BF518/BF518F
Table 32. RSI Controller Timing (High Speed Mode)
Parameter
Min
Max
Unit
Timing Requirements
tISU
Input Setup Time
5.6
ns
tIH
Input Hold Time
2
ns
Switching Characteristics
fPP
1
Clock Frequency Data Transfer Mode
0
50
MHz
tWL
Clock Low Time
7
ns
tWH
Clock High Time
7
ns
tTLH
Clock Rise Time
3ns
tTHL
Clock Fall Time
3ns
tODLY
Output Delay Time During Data Transfer Mode
4
ns
tOH
Output Hold Time
2.75
ns
1 tPP = 1/fPP
Figure 20. RSI Controller Timing (High Speed Mode)
SD_CLK
INPUT
OUTPUT
tISU
NOTES:
1 INPUT INCLUDES SD_Dx AND SD_CMD SIGNALS.
2 OUTPUT INCLUDES SD_Dx AND SD_CMD SIGNALS.
tTHL
tTLH
tWL
tWH
tPP
tIH
tODLY
tOH
VOH (MIN)
VOL (MAX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com