Electronic Components Datasheet Search
  English  ▼

X  

BF516 Datasheet(PDF) 28 Page - Analog Devices

Part # BF516
Description  Blackfin Embedded Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

BF516 Datasheet(HTML) 28 Page - Analog Devices

Back Button BF516 Datasheet HTML 24Page - Analog Devices BF516 Datasheet HTML 25Page - Analog Devices BF516 Datasheet HTML 26Page - Analog Devices BF516 Datasheet HTML 27Page - Analog Devices BF516 Datasheet HTML 28Page - Analog Devices BF516 Datasheet HTML 29Page - Analog Devices BF516 Datasheet HTML 30Page - Analog Devices BF516 Datasheet HTML 31Page - Analog Devices BF516 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
Rev. B
|
Page 28 of 68
|
January 2011
ADSP-BF512/BF512F, BF514/BF514F, BF516/BF516F, BF518/BF518F
Flash Reset Timing
Driving the RESET pin low resets the Flash device. Driving the
RESET pin high puts the device in normal operating mode. The
SO pin is in high impedance state while the device is in reset. A
successful reset will reset the status register to its power-up state.
See Table 25 for default power-up modes. A device reset during
an active Program or Erase operation aborts the operation and
data of the targeted address range may be corrupted or lost due
to the aborted erase or program operation. The device exits AAI
Programming Mode in progress and places the SO pin in high
impedance state.
Figure 8. Power-Up Reset Timing
RESET
tRST_IN_PWR
CLKIN
V
DD_SUPPLIES
Table 25. RESET Timing
Parameter
Min
Max
Unit
Timing Requirements
tRECR
Reset Recovery from Read
100
ns
tRECP
Reset Recovery from Program
10
μs
fRECE
Reset Recovery from Erase
1ms
Figure 9. Flash Reset Timing
SCK
RST
tRECR
tRECP
tRECE
CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com