Electronic Components Datasheet Search
  English  ▼

X  

BF516 Datasheet(PDF) 40 Page - Analog Devices

Part # BF516
Description  Blackfin Embedded Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

BF516 Datasheet(HTML) 40 Page - Analog Devices

Back Button BF516 Datasheet HTML 36Page - Analog Devices BF516 Datasheet HTML 37Page - Analog Devices BF516 Datasheet HTML 38Page - Analog Devices BF516 Datasheet HTML 39Page - Analog Devices BF516 Datasheet HTML 40Page - Analog Devices BF516 Datasheet HTML 41Page - Analog Devices BF516 Datasheet HTML 42Page - Analog Devices BF516 Datasheet HTML 43Page - Analog Devices BF516 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
Rev. B
|
Page 40 of 68
|
January 2011
ADSP-BF512/BF512F, BF514/BF514F, BF516/BF516F, BF518/BF518F
Table 36. External Late Frame Sync
VDDEXT
1.8V Nominal
VDDEXT
2.5 V/3.3V Nominal
Parameter
Min
Max
Min
Max
Unit
Switching Characteristics
tDDTLFSE
1, 2
Data Delay from Late External TFSx or External RFSx with
MCE = 1, MFD = 0
12
10
ns
tDTENLFSE
1, 2
Data Enable from Late FS or MCE = 1, MFD = 0
0
0
ns
1 MCE = 1, TFSx enable and TFSx valid follow tDDTENFS and tDDTLFSE.
2 If external RFSx/TFSx setup to RSCLKx/TSCLKx > tSCLKE/2 then tDDTTE/I and tDTENE/I apply, otherwise tDDTLFSE and tDTENLFS apply.
Figure 24. External Late Frame Sync
RSCLKx
RFSx
DTx
DRIVE
EDGE
DRIVE
EDGE
SAMPLE
EDGE
EXTERNAL RFSx IN MULTI-CHANNEL MODE
1ST BIT
tDTENLFSE
tDDTLFSE
TSCLKx
TFSx
DTx
DRIVE
EDGE
DRIVE
EDGE
SAMPLE
EDGE
LATE EXTERNAL TFSx
1ST BIT
tDDTLFSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com