Electronic Components Datasheet Search
  English  ▼

X  

BF516 Datasheet(PDF) 49 Page - Analog Devices

Part # BF516
Description  Blackfin Embedded Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

BF516 Datasheet(HTML) 49 Page - Analog Devices

Back Button BF516 Datasheet HTML 45Page - Analog Devices BF516 Datasheet HTML 46Page - Analog Devices BF516 Datasheet HTML 47Page - Analog Devices BF516 Datasheet HTML 48Page - Analog Devices BF516 Datasheet HTML 49Page - Analog Devices BF516 Datasheet HTML 50Page - Analog Devices BF516 Datasheet HTML 51Page - Analog Devices BF516 Datasheet HTML 52Page - Analog Devices BF516 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
ADSP-BF512/BF512F, BF514/BF514F, BF516/BF516F, BF518/BF518F
Rev. B
|
Page 49 of 68
|
January 2011
JTAG Test And Emulation Port Timing
Table 49 and Figure 37 describe JTAG port operations.
Table 49. JTAG Port Timing
Parameter
Min
Max
Unit
Timing Requirements
tTCK
TCK Period
20
ns
tSTAP
TDI, TMS Setup Before TCK High
4
ns
tHTAP
TDI, TMS Hold After TCK High
4
ns
tSSYS
1
System Inputs Setup Before TCK High
4
ns
tHSYS
1
System Inputs Hold After TCK High
5
ns
tTRSTW
TRST Pulse Width
2 (measured in TCK cycles)
4
TCK
Switching Characteristics
tDTDO
TDO Delay from TCK Low
10
ns
tDSYS
3
System Outputs Delay After TCK Low
0
13
ns
1 System Inputs = DATA15–0, SCL, SDA, TFS0, TSCLK0, RSCLK0, RFS0, DR0PRI, DR0SEC, PF15–0, PG15–0, PH7–0, MDIO, TD1, TMS, RESET, NMI, BMODE2–0.
2 50 MHz Maximum
3 System Outputs = DATA15–0, ADDR19–1, ABE1–0, ARE, AWE, AMS1–0, SRAS, SCAS, SWE, SCKE, CLKOUT, SA10, SMS, SCL, SDA, TSCLK0, TFS0, RFS0, RSCLK0,
DT0PRI, DT0SEC, PF15–0, PG15–0, PH7–0, MDC, MDIO.
Figure 37. JTAG Port Timing
TCK
TMS
TDI
TDO
SYSTEM
INPUTS
SYSTEM
OUTPUTS
tTCK
tSTAP
tHTAP
tDTDO
tSSYS
tHSYS
tDSYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com