Electronic Components Datasheet Search
  English  ▼

X  

BF516 Datasheet(PDF) 35 Page - Analog Devices

Part # BF516
Description  Blackfin Embedded Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

BF516 Datasheet(HTML) 35 Page - Analog Devices

Back Button BF516 Datasheet HTML 31Page - Analog Devices BF516 Datasheet HTML 32Page - Analog Devices BF516 Datasheet HTML 33Page - Analog Devices BF516 Datasheet HTML 34Page - Analog Devices BF516 Datasheet HTML 35Page - Analog Devices BF516 Datasheet HTML 36Page - Analog Devices BF516 Datasheet HTML 37Page - Analog Devices BF516 Datasheet HTML 38Page - Analog Devices BF516 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
ADSP-BF512/BF512F, BF514/BF514F, BF516/BF516F, BF518/BF518F
Rev. B
|
Page 35 of 68
|
January 2011
RSI Controller Timing
Table 31 and Figure 19 describe RSI controller timing. Table 32
and Figure 20 describe RSI controller (high speed) timing.
Table 31. RSI Controller Timing
Parameter
Min
Max
Unit
Timing Requirements
tISU
Input Setup Time
5.6
ns
tIH
Input Hold Time
2
ns
Switching Characteristics
fPP
1
Clock Frequency Data Transfer Mode
0
25
MHz
fOD
Clock Frequency Identification Mode
1002
400
kHz
tWL
Clock Low Time
10
ns
tWH
Clock High Time
10
ns
tTLH
Clock Rise Time
10
ns
tTHL
Clock Fall Time
10
ns
tODLY
Output Delay Time During Data Transfer Mode
14
ns
tODLY
Output Delay Time During Identification Mode
50
ns
1 tPP = 1/fPP
2 Specification can be 0 kHz, which means to stop the clock. The given minimum frequency range is for cases where a continuous clock is required.
Figure 19. RSI Controller Timing
SD_CLK
INPUT
OUTPUT
tISU
NOTES:
1 INPUT INCLUDES SD_Dx AND SD_CMD SIGNALS.
2 OUTPUT INCLUDES SD_Dx AND SD_CMD SIGNALS.
tTHL
tTLH
tWL
tWH
tPP
tIH
tODLY
VOH (MIN)
VOL (MAX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com