Electronic Components Datasheet Search
  English  ▼

X  

BF516 Datasheet(PDF) 31 Page - Analog Devices

Part # BF516
Description  Blackfin Embedded Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

BF516 Datasheet(HTML) 31 Page - Analog Devices

Back Button BF516 Datasheet HTML 27Page - Analog Devices BF516 Datasheet HTML 28Page - Analog Devices BF516 Datasheet HTML 29Page - Analog Devices BF516 Datasheet HTML 30Page - Analog Devices BF516 Datasheet HTML 31Page - Analog Devices BF516 Datasheet HTML 32Page - Analog Devices BF516 Datasheet HTML 33Page - Analog Devices BF516 Datasheet HTML 34Page - Analog Devices BF516 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
ADSP-BF512/BF512F, BF514/BF514F, BF516/BF516F, BF518/BF518F
Rev. B
|
Page 31 of 68
|
January 2011
SDRAM Interface Timing
Table 28. SDRAM Interface Timing
VDDMEM
1.8V Nominal
VDDMEM
2.5 V/3.3V Nominal
Parameter
Min
Max
Min
Max
Unit
Timing Requirements
tSSDAT
Data Setup Before CLKOUT
1.5
1.5
ns
tHSDAT
Data Hold After CLKOUT
1.3
0.8
ns
Switching Characteristics
tSCLK
CLKOUT Period1
1 The tSCLK value is the inverse of the fSCLK specification discussed in Table 11 on Page 21. Package type and reduced supply voltages affect the best-case value listed here.
12.5
10
ns
tSCLKH
CLKOUT Width High
5
4
ns
tSCLKL
CLKOUT Width Low
5
4
ns
tDCAD
Command, Address, Data Delay After CLKOUT
2
2 Command pins/balls include: SRAS, SCAS, SWE, SDQM, SMS, SA10, SCKE.
54
ns
tHCAD
Command, Address, Data Hold After CLKOUT2
11
ns
tDSDAT
Data Disable After CLKOUT
5.5
5
ns
tENSDAT
Data Enable After CLKOUT
0
0
ns
Figure 12. SDRAM Interface Timing
tSCLK
CLKOUT
tSCLKL
tSCLKH
tSSDAT
tHSDAT
tENSDAT
tDCAD
tDSDAT
tHCAD
tDCAD
tHCAD
DATA (IN)
DATA (OUT)
COMMAND,
ADDRESS
(OUT)
NOTE: COMMAND =
SRAS, SCAS, SWE, SDQM, SMS, SA10, SCKE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com