Electronic Components Datasheet Search
  English  ▼

X  

BF516 Datasheet(PDF) 24 Page - Analog Devices

Part # BF516
Description  Blackfin Embedded Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

BF516 Datasheet(HTML) 24 Page - Analog Devices

Back Button BF516 Datasheet HTML 20Page - Analog Devices BF516 Datasheet HTML 21Page - Analog Devices BF516 Datasheet HTML 22Page - Analog Devices BF516 Datasheet HTML 23Page - Analog Devices BF516 Datasheet HTML 24Page - Analog Devices BF516 Datasheet HTML 25Page - Analog Devices BF516 Datasheet HTML 26Page - Analog Devices BF516 Datasheet HTML 27Page - Analog Devices BF516 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
Rev. B
|
Page 24 of 68
|
January 2011
ADSP-BF512/BF512F, BF514/BF514F, BF516/BF516F, BF518/BF518F
FLASH MEMORY CHARACTERISTICS
Table 13. Static Current—IDD-DEEPSLEEP (mA)
TJ (°C)
1
Voltage (V
DDINT)
1
1.10 V
1.15 V
1.20 V
1.25 V
1.30 V
1.35 V
1.40 V
1.45 V
1.50 V
–40
0.9
1.0
1.0
1.1
1.1
1.2
1.3
1.7
1.9
–20
1.0
1.1
1.2
1.3
1.4
1.6
1.7
1.9
2.0
0
1.2
1.3
1.4
1.6
1.8
2.0
2.2
2.3
2.5
25
1.8
1.9
2.1
2.3
2.5
2.8
3.1
3.3
3.7
40
2.4
2.6
2.8
3.0
3.3
3.7
4.0
4.4
4.9
55
3.3
3.5
3.8
4.3
4.6
5.0
5.5
6.1
6.7
70
4.6
5.0
5.4
6.0
6.4
7.0
7.7
8.4
9.2
85
6.5
7.1
7.7
8.3
9.1
9.9
10.8
11.8
12.8
100
9.2
10.0
10.8
11.7
12.7
13.7
15.0
16.1
17.5
105
10.3
11.1
12.1
13.1
14.2
15.3
16.6
18.0
19.4
1 Valid frequency and voltage ranges are model-specific. See Operating Conditions on Page 20.
Table 14. Dynamic Current in CCLK Domain (mA, with ASF = 1.0)1
fCCLK
(MHz)2
Voltage (V
DDINT)
2
1.10 V
1.15 V
1.20 V
1.25 V
1.30 V
1.35 V
1.40 V
1.45 V
1.50 V
400
N/A
N/A
N/A
N/A
93.4
97.7
102.1
106.5
111.0
350
N/A
N/A
N/A
N/A
82.4
86.2
90.1
94.0
98.0
300
N/A
N/A
64.8
68.1
71.4
74.7
78.1
81.5
85.0
250
N/A
N/A
54.8
57.5
60.4
63.2
66.1
69.0
71.9
200
40.2
42.5
44.7
47.0
49.4
51.7
54.1
56.5
58.9
150
31.1
32.9
34.7
36.5
38.4
40.2
42.1
44.0
45.9
100
22.0
23.4
24.7
26.0
27.4
28.7
30.1
31.5
33.0
1 The values are not guaranteed as standalone maximum specifications. They must be combined with static current per the equations of Electrical Characteristics on Page 22.
2 Valid frequency and voltage ranges are model-specific. See Operating Conditions on Page 20.
Table 15. Reliability Characteristics
Parameter
Min
Units
Test Method
NEND
Endurance
100,000
Cycles
JEDEC Standard A117
TDR
Data Retention
100
Years
JEDEC Standard A103
Table 16. AC Operating Characteristics
Parameter
Min
Max
Units
fCLK
1
Serial Clock Frequency
25
MHz
TSE
Sector-Erase
75
ms
TBE
Block-Erase
75
ms
TSCE
Chip-Erase
150
ms
TBP
2
Byte-Program
60
μs
1 Maximum clock frequency for Read instruction, 0x03, is 20 MHz.
2 AAI-Word Program TBP maximum specification is also at 60 μs maximum time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com