Electronic Components Datasheet Search
  English  ▼

X  

640455 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 640455
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640455 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 640455 Datasheet HTML 4Page - Tyco Electronics 640455 Datasheet HTML 5Page - Tyco Electronics 640455 Datasheet HTML 6Page - Tyco Electronics 640455 Datasheet HTML 7Page - Tyco Electronics 640455 Datasheet HTML 8Page - Tyco Electronics 640455 Datasheet HTML 9Page - Tyco Electronics 640455 Datasheet HTML 10Page - Tyco Electronics 640455 Datasheet HTML 11Page - Tyco Electronics 640455 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
8
Strain Relief Covers
Material and Finish
Strain Relief Cover — UL 94V-0
rated, thermoplastic, black
Closed End
No. of Circuits
Dim. A
No. of Circuits
Dim. A
16
.960
24.38
17
1.010
25.65
18
1.060
26.92
19
1.110
28.19
20
1.160
29.46
21
1.210
30.73
22
1.260
32.00
23
1.310
33.27
24
1.360
34.54
25
1.410
35.81
26
1.460
37.08
27
1.510
38.35
28
1.560
39.62
2
.260
6.60
3
.310
7.87
4
.360
9.14
5
.410
10.41
6
.460
11.68
7
.510
12.95
8
.560
14.22
9
.610
15.49
10
.660
16.76
11
.710
18.03
12
.760
19.30
13
.810
20.57
14
.860
21.84
15
.910
23.11
Feed-Thru and Closed End
Feed-Thru
.040
[1.02]
.068
[1.73]
.090
[2.29]
4 Plcs.
2 Plcs.
2 Plcs.
.255
[6.48]
.237
± .008
[6.02
± 0.20]
A
Closed End
.123
± .006
[3.12
± 0.15]
.237
± .008
[6.02
± 0.20]
A
Feed-Thru
Connector Kits —
Discrete Wire (Continued)
MTA-50 IDC Connectors and Headers (Continued)
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com