Electronic Components Datasheet Search
  English  ▼

X  

640455 Datasheet(PDF) 20 Page - Tyco Electronics

Part # 640455
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640455 Datasheet(HTML) 20 Page - Tyco Electronics

Back Button 640455 Datasheet HTML 16Page - Tyco Electronics 640455 Datasheet HTML 17Page - Tyco Electronics 640455 Datasheet HTML 18Page - Tyco Electronics 640455 Datasheet HTML 19Page - Tyco Electronics 640455 Datasheet HTML 20Page - Tyco Electronics 640455 Datasheet HTML 21Page - Tyco Electronics 640455 Datasheet HTML 22Page - Tyco Electronics 640455 Datasheet HTML 23Page - Tyco Electronics 640455 Datasheet HTML 24Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 84 page
background image
Base Part Numbers
Connector Type
Closed End Connector
Feed-Thru Connector
& Wire Size
Part Nos.
RoHS Equiv.
Part Nos.
No. of Circuits
Standard UL 94V-2, Tin Plated
22 AWG
647000
647004
—2
0.3–0.4 mm2
32–491
24 AWG
647001
32–491
647005
—2
0.2 mm2
26 AWG
647002
32–491
647006
—2
0.12–0.15 mm2
28 AWG
647003
32–491
647007
—2
0.08–0.09 mm2
Standard UL 94V-2, .000030 [0.00076] Gold Plated
22 AWG
647008
32–491
647012
—2
0.3–0.4 mm2
24 AWG
647009
32–491
647013
—2
0.2 mm2
26 AWG
647010
32–491
647014
—2
0.12–0.15 mm2
28 AWG
647011
32–491
647015
—2
0.08–0.09 mm2
Standard UL 94V-2, .000015 [0.00038] Gold Plated
22 AWG
647016
32–491
647020
—2
0.3–0.4 mm2
24 AWG
647017
32–491
647021
—2
0.2 mm2
26 AWG
647018
32–491
647022
—2
0.12–0.15 mm2
28 AWG
647019
32–491
647023
—2
0.08–0.09 mm2
1
2 and 3 position MTA-100 Posted Connectors (Closed End) can not mate with MTA-100 connectors with polarizing tabs.
2
Parts may be manufactured upon request. Minimums may apply. Contact product engineer or product manager for details.
20
Material and Finish
Housing — UL 94V-2 rated, nylon, see
chart for color
Contacts — Copper alloy, post tin or
gold plated over nickel (see chart)
Notes:
1. Mating half visuals - pages 14 & 15.
2. Use feed thru strain relief covers & feed
thru dust covers (if needed) - page 16.
3. Approved wire listing - pages 70 thru 74.
Closed End
Feed-Thru
Connector Ordering
Information
The “Base Part Numbers”
Chart at right shows the base
part number.
Prefixes and suffixes are
determined by the number of
circuit positions in the connec-
tor. For example, the complete
part number for a 12-position
closed end connector for
22 AWG wire would be:
Base number 647000 plus
prefix-and-suffix
4- — -2
The correct ordering number is
4-647000-2
All part numbers are the RoHS
equivalent version. Example:
No. of
Lead Free
Pos.
RoHS
Prefix/Suffix
2
3-647000-2
thru
19
4-647000-9
See page 15 for an explanation of RoHS
lead free equivalents.
Note: All RoHS equivalent part numbers
may not be available upon catalog
release. If the number you need is not
available, please contact Product
Engineering to expedite your request.
Color Coding by Wire Size
for UL 94V-2 Connectors
22 AWG — Red
24 AWG — White
26 AWG — Blue
28 AWG — Green
Performance Data
Voltage Rating — 250 VAC
Current Rating — 4 amp max.
Low-Level Resistance —
16 m
Ω max. initial
Dielectric Withstanding Voltage —
750 VAC/1 min.
Insulation Resistance — 5000 M
Ω
min. initial
Operating Temperature —
–55°C to +105°C
Technical Documents
Product Specification
108-1050-1 MTA-100 Posted
Connector
Application Specification
114-1019
MTA-100 Connectors
Replacement IDC Contacts
Material and Finish
Contacts — Copper alloy, post tin or
gold plated over nickel
No. of
Dim.
Circuits
AB
2
.300
.227
[7.62]
[5.77]
3
.400
.327
[10.16]
[8.31]
4
.500
.427
[12.70]
[10.85]
5
.600
.527
[15.24]
[13.39]
No. of
Dim.
Circuits
AB
6
.700
.627
[17.78]
[15.93]
7
.800
.727
[20.32]
[18.47]
8
.900
.827
[22.86]
[21.01]
9
1.000
.927
[25.40]
[23.55]
No. of
Dim.
Circuits
AB
10
1.100
1.027
[27.94]
[26.09]
11
1.200
1.127
[30.48]
[28.63]
12
1.300
1.227
[33.02]
[31.17]
13
1.400
1.327
[35.56]
[33.71]
No. of
Dim.
Circuits
AB
14
1.500
1.427
[38.10]
[36.25]
15
1.600
1.527
[40.64]
[38.79]
16
1.700
1.627
[43.18]
[41.33]
17
1.800
1.727
[45.72]
[43.87]
18
1.900
1.827
[48.26]
[46.41]
19
2.000
1.927
[50.80]
[48.95]
Part Numbers
Wire Size
Tin
.000030
AWG
mm2
Plated
[.00076]
Gold Plated
22
0.3–0.4
3-647030-1 3-647030-2
24
0.2
3-647031-1 3-647031-2
26 0.12–0.15 3-647032-1 3-647032-2
28
0.8–0.9
3-647033-1 3-647033-2
.843
[21.40]
B
Dim.
.303
[7.70]
.079
[2.00]
.415
[10.54]
.025
[0.54]
Sq.
.100
[2.54]
Typ.
A Dim.
.843
[21.40]
B
Dim.
.303
[7.70]
.079
[2.00]
.415
[10.54]
.025
[0.54]
Sq.
.100
[2.54]
Typ.
A Dim.
.083
[2.10]
.770
[19.55]
.075
[1.91]
.025
[0.64]
MTA-100 IDC Posted Connectors (Wire-to-Wire)—Closed End, Feed-Thru
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com