Electronic Components Datasheet Search
  English  ▼

X  

640455 Datasheet(PDF) 59 Page - Tyco Electronics

Part # 640455
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640455 Datasheet(HTML) 59 Page - Tyco Electronics

Back Button 640455 Datasheet HTML 55Page - Tyco Electronics 640455 Datasheet HTML 56Page - Tyco Electronics 640455 Datasheet HTML 57Page - Tyco Electronics 640455 Datasheet HTML 58Page - Tyco Electronics 640455 Datasheet HTML 59Page - Tyco Electronics 640455 Datasheet HTML 60Page - Tyco Electronics 640455 Datasheet HTML 61Page - Tyco Electronics 640455 Datasheet HTML 62Page - Tyco Electronics 640455 Datasheet HTML 63Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 84 page
background image
59
For housings, see pages 60
and 61.
Contacts
Material and Finish
.012 [0.3] bright tin plated brass or
phosphor bronze; .012 [0.3] pre-tin
brass; or .012 [0.3] brass or phosphor
bronze with .000030 [0.00076] gold
over nickel (see chart)
I
All tin-plated contacts are
post lubricated to resist
fretting corrosion
I
Maximum insulation
diameter is .105 [2.67]
I
Wire range is 18-30 AWG
[0.9-0.06 mm2]
Application Note
Part No. 640252 has a
higher mating and un-
mating force than Part
No. 350980 and is recom-
mended to be used only in
housings with 1 through 12
positions.
Part No. 350980 can be
used in any size housing
but is recommended to be
used in housings with 13
through 24 positions.
Part No. 770476 is recom-
mended for use in any size
housing. Its mating force is
similar to Part No. 350980
while unmating force is
similar to 640252.
.115
[2.92]
.121/.115
[3.07/2.92]
.145/.140
[3.68/3.56]
.230
[5.84]
.180
[4.57]
.131 ±.004
[3.33 ±0.10]
A
High Force
(6.5 Amp Max. Current Rating)
B
Low Force
(6.5 Amp Max. Current Rating)
C
Hooded (Dual Wipe)
(10 Amp. Max. Current Rating)
Wire Size
Contact
Material and Finish
Part Numbers
AWG mm2
Strip
Loose Piece
24–30
A
brass, pre-tin plated
641550-1
—
0.2-0.06
brass, bright tin plated
640252-1
640706-1
A
brass, pre-tin plated
640252-2
640706-2
brass, RoHS Compliant
3-640252-1
3-640706-1
brass, bright tin plated
350980-1
640707-1
18–24
brass, pre-tin plated
350980-2
—
0.9-0.2
B
brass, gold plated
350980-3
770258-1
brass, RoHS Compliant
3-350980-1
3-640707-1
phosphor bronze, bright tin plated
770476-1
770522-1
C
phosphor bronze, gold plated
770476-2
770522-2
phosphor bronze, RoHS Compliant
3-770476-1
3-770522-1
Keying Plugs
Material (RoHS Compliant)
UL94V-2 rated, nylon, natural color
.300
[7.62]
.225
[5.72]
.300
[7.62]
Keying Plug
Part No. 640254-1
Keying Pin
Part No. 640255-1
Application Tooling
Extraction Tool
Part No. 90471-1
Loose Piece Contacts —
PRO-CRIMPER II Hand Tool
Part No. 58614-1 (408-4228)
[For field service use only]
For CERTI-CRIMP hand tool, contact
Technical Support.
Strip Contacts —
AMP-O-LECTRIC Model “G”
Termination Machine*
Applicator 680211-3
(Request Catalog 65828)
AMP-O-LECTRIC Model “K”
Termination Machine* Applicator
466468-2
AMP-O-MATIC Stripper-Crimper
Machine* SCA 466947-1 or 567828-1
(with CQM) (Request Catalog 65004)
AMPOMATOR CLS IV+ Lead Making
Machine* Applicator 466468-1
(Request Catalog 82659)
*Requires applicators. For part
numbers, call Technical Support.
SL-156 Crimp Contacts and Keying Plugs
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com