Electronic Components Datasheet Search
  English  ▼

X  

640455 Datasheet(PDF) 58 Page - Tyco Electronics

Part # 640455
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640455 Datasheet(HTML) 58 Page - Tyco Electronics

Back Button 640455 Datasheet HTML 54Page - Tyco Electronics 640455 Datasheet HTML 55Page - Tyco Electronics 640455 Datasheet HTML 56Page - Tyco Electronics 640455 Datasheet HTML 57Page - Tyco Electronics 640455 Datasheet HTML 58Page - Tyco Electronics 640455 Datasheet HTML 59Page - Tyco Electronics 640455 Datasheet HTML 60Page - Tyco Electronics 640455 Datasheet HTML 61Page - Tyco Electronics 640455 Datasheet HTML 62Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 84 page
background image
58
The AMP SL-156 connec-
tors shown on the following
pages are designed to
mate with .045 [1.14]
square or round post
headers or staked posts on
.156 [3.96] centers.
The wire-to-board
connector is a two-piece
connector system with the
wire crimped to the contact,
then inserted into the hous-
ing. This product mates with
the MTA-156 flat, polarized
and friction lock header, or
staked posts (not MTA-156
shrouded headers).
Performance Data
Voltage Rating — 250 vac
Current Rating —
10 amp max. at 250 vac
Low-Level Resistance —
3.0 m
max. initial
Dielectric Withstanding Voltage —
2000 vac/1 min.
Insulation Resistance —
1000 M
min. initial
Operating Temperature —
55 C to
105 C
The Large Insulation
Diameter (LID) Contacts
and Housings are for use
in applications where wire
insulation is up to .112
[2.84] in diameter.
Technical Documents
Product Specification
108-1049, 108-1049-1, 108-1049-2
Application Specification
114-1021
Product Facts
I
Rugged wire-to-board
interconnection to mate
with .045 square or round
post headers or staked
posts on .156 centers
I
Standard Connectors accept
wire range of 18–24 AWG
[0.9–0.2 mm] and LID
Connectors accept wire
range of 18–24 AWG
[0.9–0.2 mm] and a lim-
ited 16 AWG [1.29–1.42
mm] (2550–2800 CMA)
I
Two-piece interconnection
system (connector/header)
I
Housing made of flame
retardant nylon
I
Available in 1- through
24-position connector
configurations
I
Connectors are end-to-end
stackable
I
Wire-to-board system offers
polarization with friction
lock for positive mating
I
Meets the material
requirements of Table 23.1
of UL1410 Standard for
High-Voltage Television
Receivers and Video
Productions
I
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
I
Certified by Canadian
Standards
Association,
File No. LR7189
R
R
Y
N
Y
N
YY
Y
YY
Y
YY
Y
Y
N
N
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
YY N
Y
Y
YY Y
Y
Y
YY N
YY
Y Y
YY
Y Y
YY
Y Y
YN
Y
Y
N
Y
Y
Y
Y
647401
Y
Y
YY Y
647400
Y
Y
YY Y
647402
Y
Y
YY Y
Y
YY Y
Y
YY Y
Y
YY Y
YY
Y
Y
Y
Y
Y
Y
N
Y
N
Headers
647401
Y
Y
YN Y
647400
LID
LID
LID
Y
Y
YY Y
647402
Y
Y
YN Y
YY
YY
YY
Y
Y
Y
Y
Y
Y
Y
Y
Y
N
Y
N
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Headers
Y
Y
Y
Y
Y
Y
N
647401
647400
647402
YY
YY
YY
Y
YY
Y
Y
Y
Y
NY
Y
Y
YY
Y
YY
Y
640250
640251
770849
640250
640251
Standard
Standard
Standard
770849
640250
640251
770849
Y
Y
Y
Y
Y
Y
Y
Y
Y
N
Y
N
Y
Y
Y
Y
Y
Y
Headers
Y
Y
Y
Y
These matrixes represent only the housing and header
combinations. You also need to consider the plating on
the contacts and headers. Gold contacts with gold
headers and tin contacts with tin headers.
Matrix for Tin Plated
Part Numbers
Matrix for .000030
[0.00076] Gold Plated
Part Numbers
Matrix for .000015
[0.00038] Gold Plated
Part Numbers
.156 [3.96] Centerline SL-156 Crimp Contacts and Housings
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com