Electronic Components Datasheet Search
  English  ▼

X  

640455 Datasheet(PDF) 32 Page - Tyco Electronics

Part # 640455
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640455 Datasheet(HTML) 32 Page - Tyco Electronics

Back Button 640455 Datasheet HTML 28Page - Tyco Electronics 640455 Datasheet HTML 29Page - Tyco Electronics 640455 Datasheet HTML 30Page - Tyco Electronics 640455 Datasheet HTML 31Page - Tyco Electronics 640455 Datasheet HTML 32Page - Tyco Electronics 640455 Datasheet HTML 33Page - Tyco Electronics 640455 Datasheet HTML 34Page - Tyco Electronics 640455 Datasheet HTML 35Page - Tyco Electronics 640455 Datasheet HTML 36Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 84 page
background image
Base Part Numbers
Straight Posts
With
Without
Right-Angle Posts
Pegs
Pegs
Without Pegs Only
Header
No. of
Header
No. of
Header
No. of
Part Nos.
Posts/
Part Nos.
Posts/
Part Nos.
Posts/
RoHS Equiv.
RoHS Equiv.
RoHS Equiv.
Standard UL94V-0, Tin Plated
644893
32-44
644892
32-44
644894
32-44
Standard UL94V-0, .000030 [0.00076] Gold Plated
644897
32-44
644896
32-44
644898
32-44
32
Straight Post (.025 [0.64] Square)
Right-Angle (.025 [0.64] Square)
Material and Finish
Housing — UL94V-0 rated, polyester,
black
Posts — Copper alloy, tin plated; or
.000030 [0.00076] gold over nickel
A
.025
[0.64]
Typ.
.100
[2.54]
.092
[2.34]
Ref.
Post No. 1
.313
[7.95]
.410
[10.41]
.140
[3.56]
.176
[4.47]
Ref.
.107
[2.72]
Ref.
.125
[3.18]
.280
[7.11]
.520
[13.21]
Recommended Mounting Hole Pattern for
.062 [1.57] Thk. PC Board
(Solder Side of Board Shown)
.042
[1.07]
.100
[2.54]
Typ.
.081/.075
[2.06/1.91]
.124
[3.15]
Edge of Board
.125
[3.18]
Min.
.050/.040
[1.27/1.02]
Dia.
Dia.
Notes:
1. Post(s) can be omitted for keying
purposes. Specify the desired
post(s) to be omitted using the
figure to identify Post No. 1.
2. Headers with .000015 [0.00038]
gold plated posts are available
upon request. Minimums may
apply.
3. Gold headers are duplex plated,
gold on mating end of post and
tin on the solder tail.
For mateability options, see
matrix on pages 12 and 13.
For mating half visuals, see
page 31.
A
.025
[0.64]
Typ.
.100
[2.54]
.036
[0.91]
Max.
.092
[2.34]
Typ.
Post No. 1
.313
[7.95]
.176
[4.47]
Ref.
.107
[2.72]
Ref.
.140
[3.56]
.280
[7.11]
.100
[2.54]
Typ.
Edge of Board
.450
[11.43]
Max.
.050/.040
[1.27/1.02]
Dia.
Recommended Mounting Hole Pattern for .062
[1.57] Thk. PC Board
(Solder Side of Board Shown)
Header Ordering
Information
The “Base Part Numbers”
Chart at right shows the base
part number and number of
posts available for the
described headers.
Prefixes and suffixes are deter-
mined by the number of post
positions in the header. For
example, the complete part
number for a 10-position
header with straight posts and
with pegs would be:
Base number 644893 plus
prefix-and-suffix
4- — -0
The correct ordering number is
4-644893-0
All part numbers are the RoHS
equivalent version. Example:
No. of
Lead Free
Pos.
RoHS
Prefix/Suffix
2
3-644893-2
thru
14
4-644893-4
See page 15 for an explanation of
RoHS lead free equivalents.
Note: All RoHS equivalent part num-
bers may not be available upon cat-
alog release. If the number you
need is not available, please contact
Product Engineering to expedite
your request.
Note:
CST-100 II shrouded headers only
mate with CST-100 II housings. All
the MTA-100 headers except the
MTA-100 shrouded headers mate
with CST-100 II housings.
Header Length
No. of
Dim.
Prefix/
Circuits
A
Suffix
2
.284
3- -2
7.21
3
.384
3- -3
9.75
4
.484
3- -4
12.29
5
.584
3- -5
14.83
6
.684
3- -6
17.37
7
.784
3- -7
19.91
No. of
Dim.
Prefix/
Circuits
A
Suffix
8
.884
3- -8
22.45
9
.984
3- -9
24.99
10
1.084
4- -0
27.53
No. of
Dim.
Prefix/
Circuits
A
Suffix
Note: Consult Product Drawing for details
on placing headers onto PC boards.
Polarized
Retention Peg
CST-100 II Shrouded Headers—Straight and Right-Angle
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com