Electronic Components Datasheet Search
  English  ▼

X  

640455 Datasheet(PDF) 48 Page - Tyco Electronics

Part # 640455
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640455 Datasheet(HTML) 48 Page - Tyco Electronics

Back Button 640455 Datasheet HTML 44Page - Tyco Electronics 640455 Datasheet HTML 45Page - Tyco Electronics 640455 Datasheet HTML 46Page - Tyco Electronics 640455 Datasheet HTML 47Page - Tyco Electronics 640455 Datasheet HTML 48Page - Tyco Electronics 640455 Datasheet HTML 49Page - Tyco Electronics 640455 Datasheet HTML 50Page - Tyco Electronics 640455 Datasheet HTML 51Page - Tyco Electronics 640455 Datasheet HTML 52Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 84 page
background image
48
Material and Finish
Housing — UL94V-0 rated, polyester,
white
Posts — Copper alloy, tin plated,
.000030 [0.00076] or .000015
[0.00038] gold over nickel
Notes:
1. Post(s) can be omitted for keying
purposes. Specify the desired
post(s) to be omitted using the
figure to identify Post No. 1.
2. Gold headers are duplex plated,
gold on mating end of post and
tin on the solder tail.
3. .125 [3.18] solder tail lengths are
for .062 [1.57] thick printed circuit
boards and .175 [4.45] solder tail
lengths are for .093-.125 [2.36-
3.18] thick printed circuit boards.
4. To determine header overall
length (Dim. A), multiply .156 x
the number of posts. Example:
.156 x 10 posts equals 1.560
inches [39.62 mm].
For mateability options, see
matrix on pages 34, 35, 54
and 58.
For mating half visuals, use
connectors with a locking ramp
for polarization/retention pur-
poses, see pages 36 thru 39,
55, 60 and 62.
For polarizing purposes only
use connectors without a lock-
ing ramp. See pages 36 thru
39, 55, 60 and 62.
Header Ordering
Information
The “Base Part Numbers”
Chart at right shows the base
part number and number of
posts available for the
described headers.
Prefixes and suffixes are deter-
mined by the number of post
positions in the header. For
example, the complete part
number for a 10-position header
with square posts and a .125
[3.18] solder tail length would be:
Base number 641208 plus
prefix-and-suffix
4- — -0
The correct ordering number is
4-641208-0
The part numbers in bold
face are the RoHS equivalent
version. Example:
No. of
Standard
Lead Free
Pos.
Prefix/Suffix
RoHS
Prefix/Suffix
2
641208–2
3-641208–2
thru
24
2-641208-4
5-641208-4
See page 15 for an explanation of
RoHS lead free equivalents.
.156
[3.96]
.125
[3.18]
.450
[11.43]
Solder tail
Length
(See Chart)
.300
[7.62]
A
.156
[3.96]
.045
[1.14]
.180
[4.57]
.078
[1.98]
Post No. 1
.175
[4.45]
Min.
Edge of Board
Y
.425
[10.8]
Ref.
Typ.
Typ.
Recommended Mounting Hole Pattern for
.062 [1.57] Thk. PC Board
Y = .068 [1.73] Max. 2-8
position tin plated and
2–24 position gold
plated headers.
Y = .073 [1.85] 9-24 position
tin plated headers.
PC Board Hole Diameters
Square
Round
Post
Post
.080/.070
.070/.060
[2.03/1.78]
[1.78/1.52]
Note: Consult Product Drawing for details
on placing headers onto PC boards.
Note: All RoHS equivalent part numbers may not be available upon catalog release. If the number you need is not
available, please contact Product Engineering to expedite your request.
Note:
Select load headers (omitted pin headers) and tube loaded product are available upon request. Please contact product
engineer or product manager for details.
Base Part Numbers
Square Posts
Round Posts
Retentive
.125 [3.18]
.175 [4.45]
.125 [3.18]
.175 [4.45]
Leg
Solder tail
Solder tail
Solder tail
Solder tail
Header
RoHS
Header
RoHS
Header
RoHS
Header
RoHS
Header
RoHS
Part Nos.
Equiv.
Part Nos.
Equiv.
Part Nos.
Equiv.
Part Nos.
Equiv.
Part Nos.
Equiv.
Standard UL94V-0, Tin Plated
1744017
2-12
640445
2–24
644752
2–24
640388
2–24
644753
2–24
Standard UL94V-0, .000030 [0.00076] Gold Plated
——
641208
32–54
644759
32–54
641209
32–54
644760
32–54
Standard UL94V-0, .000015 [0.00038] Gold Plated
——
641119
32–54
644766
32–54
641120
32–54
644767
32–54
.068
[1.7]
.400
[10.16]
16° ± 3°
Retentive Leg
MTA-156 Friction Lock Headers—Straight
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com