Electronic Components Datasheet Search
  English  ▼

X  

640455 Datasheet(PDF) 9 Page - Tyco Electronics

Part # 640455
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640455 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button 640455 Datasheet HTML 5Page - Tyco Electronics 640455 Datasheet HTML 6Page - Tyco Electronics 640455 Datasheet HTML 7Page - Tyco Electronics 640455 Datasheet HTML 8Page - Tyco Electronics 640455 Datasheet HTML 9Page - Tyco Electronics 640455 Datasheet HTML 10Page - Tyco Electronics 640455 Datasheet HTML 11Page - Tyco Electronics 640455 Datasheet HTML 12Page - Tyco Electronics 640455 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
9
Right-Angle
A
.035
[0.89]
.125
[3.18]
.016
[0.41]
.050
[1.27]
Ref.
Ref.
Ref.
Ref.
Circuit #1
.180
[4.57]
.220
± .003
[5.59
± 0.08]
.035
[0.89]
Ref.
Vertical
Material and Finish
Housing — UL 94V-0 rated, thermo-
plastic, black
Contacts — Brass, .000100 [0.00254]
min. tin over .000050 [0.00127] min.
nickel on solder legs; choice on mating
end:
.000100 [0.00254] min. tin or
.000030 [0.00076] gold or
.000015 [0.00038] gold, over
.000050 [0.00127] min. nickel
.035
[0.89]
Ref.
Circuit #1
.060
[1.52]
.125
[3.18]
A
Ref.
.050
[1.27]
.016
[0.41]
Ref.
Ref.
.035
[0.89]
.170
[4.32]
.220
± .003
[5.59
± 0.08]
Ref.
Base Part Numbers
Through-Hole
Header
No. of
Part Nos.
Posts
Standard UL 94V-0, Tin Plated
1445120
2–28
Standard UL 94V-0
.000030 [0.00076] Gold Plated
1445125
2–28
Standard UL 94V-0
.000015 [0.00038] Gold Plated
1445123
2–28
Note: To determine header overall
length (dim. A), multiply .050
x the number of circuits and
add .150. Example: .050 x 6
circuits equals .300 + .150 =
.450 [11.43].
.100
[2.54]
.035
[0.89]
.210
[5.33]
.050
[1.27]
.250*
[6.35]
.031
± .002
[0.78
± 0.05]
Circuit #1
Typ.
Dia. Typ.
Recommended Mounting Hole Size and
Pattern for .062 [1.57] Thick PC Board
* 6-circuit Dim. shown, refer to Product Drawing for actual
PCB Dimensions and RoHS Compliant information.
Base Part Numbers
Through-Hole
Header
No. of
Part Nos.
Posts
Standard UL 94V-0, Tin Plated
1445169
2–28
Standard UL 94V-0
.000030 [0.00076] Gold Plated
1445171
2–28
Standard UL 94V-0
.000015 [0.00038] Gold Plated
1445170
2–28
.100
[2.54]
.250*
[6.35]
.035
[0.89]
.068
[1.73]
.0705
[1.90]
* 6-circuit Dim. shown, refer to Product Drawing for actual
PCB Dimensions and RoHS Compliant information.
.050
[1.27]
.031
± .002
[0.78
± 0.05]
.060
± .003
[1.52
± 0.08]
Circuit #1
Typ.
Dia. Typ.
Dia.
Typ.
Recommended Mounting Hole Size and
Pattern for .062 [1.57] Thick PC Board
Header Ordering Information
Base part number prefixes
and suffixes indicate the
number of circuit positions,
for example: Base part num-
ber 1445120
2 position = 0-1445120-2
and
28 position = 2-1445120-8
For mating Connector Kits
see pages 5 through 8.
For mateability options, see
matrixes on page 4.
Note: Tin-plated connectors and
headers in even position sizes from
2–12 and 18 are stocked parts; all
other position sizes and products
with gold-plated contacts are
Make To Order.
Through-Hole Header
Assemblies
MTA-50 IDC Connectors and Headers (Continued)
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com