Electronic Components Datasheet Search
  English  ▼

X  

640455 Datasheet(PDF) 23 Page - Tyco Electronics

Part # 640455
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640455 Datasheet(HTML) 23 Page - Tyco Electronics

Back Button 640455 Datasheet HTML 19Page - Tyco Electronics 640455 Datasheet HTML 20Page - Tyco Electronics 640455 Datasheet HTML 21Page - Tyco Electronics 640455 Datasheet HTML 22Page - Tyco Electronics 640455 Datasheet HTML 23Page - Tyco Electronics 640455 Datasheet HTML 24Page - Tyco Electronics 640455 Datasheet HTML 25Page - Tyco Electronics 640455 Datasheet HTML 26Page - Tyco Electronics 640455 Datasheet HTML 27Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 84 page
background image
23
.125
[3.18]
A
.025
[0.64]
Sq.
.100
[2.54]
Typ.
.050
[1.27]
Typ.
Post
No. 1
.295
[7.49]
.100
[2.54]
.535
[13.59]
.290
[7.37]
.035
[0.89]
Min.
.140
[3.56]
Ref.
.225
[5.72]
Material and Finish
Housing — UL94V-0 rated, polyester,
white
Posts — Copper alloy, tin plated,
.000030 [0.00076] or .000015
[0.00038] gold over nickel
Notes:
1. Post(s) can be omitted for keying
purposes. Specify the desired
post(s) to be omitted using the
figure to identify Post No. 1.
2. Gold headers are duplex plated,
gold on mating end of post and
tin on the solder tail.
3. All posts on retentive leg headers
are bent.
4. To determine header overall
length (dim. A) multiply .100 x the
number of posts. Example: .100
x 10 posts equals 1.000 inch
[25.4 mm].
For mateability options, see
matrix on pages 12 and 13.
For mating half visuals, see
pages 14, 15 and 31.
Header Ordering
Information
The “Base Part Numbers”
Chart at right shows the base
part number.
Prefixes and suffixes are deter-
mined by the number of post
positions in the header. For
example, the complete part
number for a 10-position header
with straight posts would be:
Base number 641213 plus
prefix-and-suffix
4- — -0
The correct ordering number is
4-641213-0
All part numbers are the RoHS
equivalent version. Example:
No. of
Lead Free
Pos.
RoHS
Prefix/Suffix
2
3-641213-2
thru
28
5-641213-8
See page 15 for an explanation of
RoHS lead free equivalents.
Note: All RoHS equivalent part num-
bers may not be available upon cat-
alog release. If the number you
need is not available, please contact
Product Engineering to expedite
your request.
Note:
Select load headers (omitted pin
headers) are available upon request.
Please contact product engineer or
product manager for details.
Straight Post (.025 [0.64] Square)
Right-Angle Post (.025 [0.64] Square)
.125
[3.18]
A
.025
[0.64]
Sq.
.100
[2.54]
Typ.
.050
[1.27]
Typ.
Post
No. 1
.295
[7.49]
.290
[7.37]
.100
[2.54]
.140
[3.56]
.140
[3.56]
Max.
.035
[0.89]
Min.
.225
[5.72]
Recommended Mounting Hole Pattern
for .062 [1.57] Thk. PC Board
Recommended Mounting Hole Pattern for
.062 [1.57] Thk. PC Board
Base Part Numbers
Straight Posts
Right-Angle Posts
Without
With
Without
With
Retentive Legs
Retentive Legs
Retentive Legs
Retentive Legs
Header
RoHS
Header
RoHS
Header
RoHS
Header
RoHS
Part Nos.
Equiv.
Part Nos.
Equiv.
Part Nos.
Equiv.
Part Nos.
Equiv.
Standard UL94V-0, Tin Plated
640454
2–28
644876
2–28
640455
2–28
644877
2–28
Standard UL94V-0, .000030 [0.00076] Gold Plated
641213
32–58
——
641214
32–58
——
Standard UL94V-0, .000015 [0.00038] Gold Plated
641124
32–58
——
641125
32–58
——
.100
[2.54]
Typ.
Edge of Board
.130
[3.30]
Min.
.050/.040
[1.27/1.02]
Dia. for straight
leg headers
Dia. for retentive
leg headers
.037
[0.94
]
± .002
± 0.05
.100
[2.54]
Typ.
Edge of Board
X
.050/.040
[1.27/1.02]
Dia. for straight
leg headers
Dia. for retentive
leg headers
.037
[0.94
]
± .002
± 0.05
.125
[3.18]
Ref.
34
°
.135
[3.43]
Ref.
34
°
Retentive Leg
Retentive Leg
X = .110 [2.79] min., .160 [4.06]
max. when mated with
MTA-100 Connector.
X = .110 [2.79] min., .120 [3.05]
max. when mated with
CST-100 II Connector.
Note: Consult Product Drawing for details
on placing headers onto PC boards.
MTA-100 Polarized Headers—Straight and Right-Angle
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com