Electronic Components Datasheet Search
  English  ▼

X  

640455 Datasheet(PDF) 64 Page - Tyco Electronics

Part # 640455
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640455 Datasheet(HTML) 64 Page - Tyco Electronics

Back Button 640455 Datasheet HTML 60Page - Tyco Electronics 640455 Datasheet HTML 61Page - Tyco Electronics 640455 Datasheet HTML 62Page - Tyco Electronics 640455 Datasheet HTML 63Page - Tyco Electronics 640455 Datasheet HTML 64Page - Tyco Electronics 640455 Datasheet HTML 65Page - Tyco Electronics 640455 Datasheet HTML 66Page - Tyco Electronics 640455 Datasheet HTML 67Page - Tyco Electronics 640455 Datasheet HTML 68Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 84 page
background image
64
Contacts and Plug
Housings, Low-Profile
Crimp, Snap-in
Receptacle Contacts
Material and Finish
(RoHS Compliant)
See chart.
Related Product Data
Plug Housings — Pages 64, 67 and 69
Plug Housings, Low-Profile
Material and Finish
(RoHS Compliant)
Housing — UL 94V-0 rated nylon,
natural color
Note: Alternate colors available upon
request. Minimums may apply. Please
contact product engineer or product
manager for details.
Related Product Data
Contacts — see above
Mating Post Headers — Pages 65
and 66
.083
[2.11]
.055
[1.40]
.08
[2.1
.362
[9.19]
.382
[9.70]
.154 [3.91]
.039 [1.00]
.524
[13.31]
.284
[7.21]
.224
[5.69]
.156
[3.96]
.150
[3.81]
(3-11 Pos.)
.295 [7.49]
.039
[1.00]
.059
[1.50]
A
(2 Pos.)
.142 [3.61]
Section X-X
Circuit No. 1
Number of
Dimension
Part
Positions
A
Number
2
.310 [ 7.86]
1-1123722-2
3
.465 [11.82]
1-1123722-3
4.621 [15.78]
1-1123722-4
5.777 [19.74]
1-1123722-5
6
.933 [23.70]
1-1123722-6
7
1.089 [27.66]
1-1123722-7
8
1.245 [31.62]
1-1123722-8
9
1.401 [35.58]
1-1123722-9
10
1.557 [39.54]
1-1123722-0
11
1.713 [43.50]
1-1123722-1
12
1.878 [47.70]
1-647690-2*
* Consult Product Drawing for dimensional detail.
Applicator Part Number
Wire Size
Wire
Material
Part
AMPOMATOR
AMP-O-LECTRIC
Range
Insulation
and
Number
CLS IV+
Terminator
AWG
mm2
Diameter
Finish
Strip
Loose
Lead Maker
Model K
Model G
Form
Piece
Base Part No.
Part No.
Part No.
356500
1-471273-3
354500-1
Phos. Brz.,
1123721-1
1318912-1*
18–22 0.89-0.30
.067-.118
Pre-Tin
1385286-1
1385286-2
1385286-3
1.70-3.00
Brass,
1123721-2
—
Pre-Tin
* For 18–20 AWG, use Straight Action Hand Tool (SAHT) Part Number 91579-1.
AMP Economy Power (EP) Wire-to-Board Connector System (Continued)
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com