Electronic Components Datasheet Search
  English  ▼

X  

MCP19111 Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP19111
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19111 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP19111 Datasheet HTML 26Page - Microchip Technology MCP19111 Datasheet HTML 27Page - Microchip Technology MCP19111 Datasheet HTML 28Page - Microchip Technology MCP19111 Datasheet HTML 29Page - Microchip Technology MCP19111 Datasheet HTML 30Page - Microchip Technology MCP19111 Datasheet HTML 31Page - Microchip Technology MCP19111 Datasheet HTML 32Page - Microchip Technology MCP19111 Datasheet HTML 33Page - Microchip Technology MCP19111 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 226 page
background image
MCP19110/11
DS20002331B-page 30
 2013 Microchip Technology Inc.
5.2
AC Characteristics: MCP19110/11 (Industrial, Extended)
FIGURE 5-2:
EXTERNAL CLOCK TIMING
FIGURE 5-3:
CLKOUT AND I/O TIMING
TABLE 5-1:
EXTERNAL CLOCK TIMING REQUIREMENTS
Param No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
FOSC
Oscillator Frequency(1)
—8
—
MHz
1TOSC
Oscillator Period(1)
—
250
—
ns
2TCY
Instruction Cycle Time(1)
—
1000
—
ns
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at VIN =12V (VDD = 5V), +25°C unless otherwise stated. These parameters are for
design guidance only and are not tested.
Note 1:
Instruction cycle period (TCY) equals four times the input oscillator time base period. All specified values
are based on characterization data for that particular oscillator type under standard operating conditions
with the device executing code.
OSC
Q4
Q1
Q2
Q3
Q4
Q1
1
2
OSC
I/O Pin
(input)
I/O Pin
(output)
Q4
Q1
Q2
Q3
17
20, 21
22
23
19
18
15
old value
new value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com