Electronic Components Datasheet Search
  English  ▼

X  

MCP19111 Datasheet(PDF) 72 Page - Microchip Technology

Part # MCP19111
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19111 Datasheet(HTML) 72 Page - Microchip Technology

Back Button MCP19111 Datasheet HTML 68Page - Microchip Technology MCP19111 Datasheet HTML 69Page - Microchip Technology MCP19111 Datasheet HTML 70Page - Microchip Technology MCP19111 Datasheet HTML 71Page - Microchip Technology MCP19111 Datasheet HTML 72Page - Microchip Technology MCP19111 Datasheet HTML 73Page - Microchip Technology MCP19111 Datasheet HTML 74Page - Microchip Technology MCP19111 Datasheet HTML 75Page - Microchip Technology MCP19111 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 226 page
background image
MCP19110/11
DS20002331B-page 72
 2013 Microchip Technology Inc.
11.3
DATA MEMORY
TABLE 11-1:
MCP19110/11 DATA MEMORY MAP
File
Address
File
Address
File
Address
File
Address
Indirect addr.(1)
00h
Indirect addr. (1)
80h
Indirect addr.(1)
100h
Indirect addr. (1)
180h
TMR0
01h
OPTION_REG
81h
TMR0
101h
OPTION_REG
181h
PCL
02h
PCL
82h
PCL
102h
PCL
182h
STATUS
03h
STATUS
83h
STATUS
103h
STATUS
183h
FSR
04h
FSR
84h
FSR
104h
FSR
184h
PORTGPA
05h
TRISGPA
85h
WPUGPA
105h
IOCA
185h
PORTGPB
06h
TRISGPB
86h
WPUGPB
106h
IOCB
186h
PIR1
07h
PIE1
87h
PE1
107h
ANSELA
187h
PIR2
08h
PIE2
88h
BUFFCON
108h
ANSELB
188h
PCON
09h
APFCON
89h
ABECON
109h
189h
PCLATH
0Ah
PCLATH
8Ah
PCLATH
10Ah
PCLATH
18Ah
INTCON
0Bh
INTCON
8Bh
INTCON
10Bh
INTCON
18Bh
TMR1L
0Ch
8Ch
10Ch
PORTICD(2)
18Ch
TMR1H
0Dh
8Dh
10Dh
TRISICD(2)
18Dh
T1CON
0Eh
8Eh
10Eh
ICKBUG(2)
18Eh
TMR2
0Fh
8Fh
10Fh
BIGBUG(2)
18Fh
T2CON
10h
VINLVL
90h
SSPADD
110h
PMCON1
190h
PR2
11h
OCCON
91h
SSPBUF
111h
PMCON2
191h
12h
92h
SSPCON1
112h
PMADRL
192h
PWMPHL
13h
CSGSCON
93h
SSPCON2
113h
PMADRH
193h
PWMPHH
14h
94h
SSPCON3
114h
PMDATL
194h
PWMRL
15h
CSDGCON
95h
SSPMSK
115h
PMDATH
195h
PWMRH
16h
96h
SSPSTAT
116h
196h
17h
VZCCON
97h
SSPADD2
117h
197h
18h
CMPZCON
98h
SSPMSK2
118h
OSCCAL
198h
OVCCON
19h
OUVCON
99h
119h
DOVCAL
199h
OVFCON
1Ah
OOVCON
9Ah
11Ah
TTACAL
19Ah
OSCTUNE
1Bh
DEADCON
9Bh
11Bh
BGRCAL
19Bh
ADRESL
1Ch
SLPCRCON
9Ch
11Ch
VROCAL
19Ch
ADRESH
1Dh
SLVGNCON
9Dh
11Dh
ZROCAL
19Dh
ADCON0
1Eh
RELEFF
9Eh
11Eh
19Eh
ADCON1
1Fh
9Fh
11Fh
ATSTCON
19Fh
General
Purpose
Register
96 Bytes
20h
General
Purpose
Register
80 Bytes
A0h
General
Purpose
Register
80 bytes
120h
1A0h
EFh
16F
1EF
7Fh
Accesses
Bank 0
F0h
FFh
Accesses
Bank 0
170h
17Fh
Accesses
Bank 0
1F0h
1FFh
Bank 0
Bank 1
Bank2
Bank3
Unimplemented data memory locations, read as '0'.
Note
1:
Not a physical register.
2:
Only accessible when DBGEN = 0 and ICKBUG<INBUG> = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com