Electronic Components Datasheet Search
  English  ▼

X  

MCP19111 Datasheet(PDF) 87 Page - Microchip Technology

Part # MCP19111
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19111 Datasheet(HTML) 87 Page - Microchip Technology

Back Button MCP19111 Datasheet HTML 83Page - Microchip Technology MCP19111 Datasheet HTML 84Page - Microchip Technology MCP19111 Datasheet HTML 85Page - Microchip Technology MCP19111 Datasheet HTML 86Page - Microchip Technology MCP19111 Datasheet HTML 87Page - Microchip Technology MCP19111 Datasheet HTML 88Page - Microchip Technology MCP19111 Datasheet HTML 89Page - Microchip Technology MCP19111 Datasheet HTML 90Page - Microchip Technology MCP19111 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 226 page
background image
 2013 Microchip Technology Inc.
DS20002331B-page 87
MCP19110/11
14.3
Power-up Timer (PWRT)
The Power-up Timer provides a fixed 64 ms (nominal)
time-out on power-up only, from POR Reset. The
Power-up Timer operates
from an internal RC
oscillator. The chip is kept in Reset as long as PWRT is
active. The PWRT delay allows the VDD to rise to an
acceptable level. A Configuration bit (PWRTE), can
disable (if set) or enable (if cleared or programmed) the
Power-up Timer.
The Power-up Timer delay will vary from chip-to-chip
due to:
•VDD variation
• Temperature variation
• Process variation
14.4
Watchdog Timer (WDT) Reset
The Watchdog Timer generates a Reset if the firmware
does not issue a CLRWDT instruction within the time-out
period. The TO and PD bits in the STATUS register are
changed to indicate the WDT Reset. See Section 17.0
“Watchdog Timer (WDT)” for more information.
14.5
Power-Up Timer
The Power-up Timer optionally delays device execution
after a POR event. This timer is typically used to allow
VDD to stabilize before allowing the device to start
running.
The Power-up Timer is controlled by the PWRTE bit of
Configuration Word.
14.6
Start-up Sequence
Upon the release of a POR, the following must occur
before the device will begin executing:
• Power-up Timer runs to completion (if enabled)
• Oscillator start-up timer runs to completion
•MCLR must be released (if enabled)
The total time-out will vary based on PWRTE bit status.
For example, with PWRTE bit erased (PWRT disabled),
there will be no time-out at all. Figures 14-3, 14-4
and 14-5 depict time-out sequences.
Since the time-outs occur from the POR pulse, if MCLR
is kept low long enough, the time-outs will expire. Then,
bringing MCLR high will begin execution immediately
(see Figure 14-4). This is useful for testing purposes or
to synchronize more than one MCP19110/11 device
operating in parallel.
14.6.1
POWER CONTROL (PCON)
REGISTER
The Power Control register PCON (address 8Eh) has
two Status bits to indicate what type of Reset occurred
last.
FIGURE 14-3:
TIME-OUT SEQUENCE ON POWER-UP (DELAYED MCLR): CASE 1
Note:
Voltage spikes below VSS at the MCLR
pin, inducing currents greater than 80 mA,
may cause latch-up. Thus, a series resis-
tor of 50-100should be used when
applying a “low” level to the MCLR pin,
rather than pulling this pin directly to VSS.
TPWRT
TIOSCST
VDD
MCLR
Internal POR
PWRT Time-out
OST Time-out
Internal Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com