Electronic Components Datasheet Search
  English  ▼

X  

MCP19111 Datasheet(PDF) 44 Page - Microchip Technology

Part # MCP19111
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19111 Datasheet(HTML) 44 Page - Microchip Technology

Back Button MCP19111 Datasheet HTML 40Page - Microchip Technology MCP19111 Datasheet HTML 41Page - Microchip Technology MCP19111 Datasheet HTML 42Page - Microchip Technology MCP19111 Datasheet HTML 43Page - Microchip Technology MCP19111 Datasheet HTML 44Page - Microchip Technology MCP19111 Datasheet HTML 45Page - Microchip Technology MCP19111 Datasheet HTML 46Page - Microchip Technology MCP19111 Datasheet HTML 47Page - Microchip Technology MCP19111 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 226 page
background image
MCP19110/11
DS20002331B-page 44
 2013 Microchip Technology Inc.
6.7
Slope Compensation
A negative voltage slope is added to the output of the
error amplifier. This is done to prevent subharmonic
instability when:
1.
the operating duty cycle is greater than 50%
2.
wide changes in the duty cycle occur.
The amount of negative slope added to the error ampli-
fier output is controlled by Register 6-7.
The slope compensation is enabled by setting the
SLCPBY bit in the ABECON register.
6.7.1
SLPS<3:0> CONFIGURATION
The SLPS<3:0> directly controls the
V/t of the
added ramp. This byte should be set proportional to
the switching frequency according to the following
equation:
EQUATION 6-1:
6.7.2
SLPG<3:0> CONFIGURATION
The SLPG<3:0> controls the amplitude of the added
ramp. The values listed above correspond to a 50%
duty cycle waveform and is true only if the SLPS<3:0>
bits are set according to the equation in Section 6.7.1
“SLPS<3:0> Configuration”. If less amplitude is
required, the SLPS<3:0> bits can be adjusted to a
lower switching frequency.
REGISTER 6-7:
SLPCRCON: SLOPE COMPENSATION RAMP CONTROL REGISTER
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
SLPG3
SLPG2
SLPG1
SLPG0
SLPS3
SLPS2
SLPS1
SLPS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
SLPG<3:0>: Slope Compensation Amplitude Configuration bits
0000
= 0.017 VPK-PK, measured for 50% duty cycle waveform
0001
= 0.022 VPK-PK, measured for 50% duty cycle waveform
0010
= 0.030 VPK-PK, measured for 50% duty cycle waveform
0011
= 0.040 VPK-PK, measured for 50% duty cycle waveform
0100
= 0.053 VPK-PK, measured for 50% duty cycle waveform
0101
= 0.070 VPK-PK, measured for 50% duty cycle waveform
0110
= 0.094 VPK-PK, measured for 50% duty cycle waveform
0111
= 0.125 VPK-PK, measured for 50% duty cycle waveform
1000
= 0.170 VPK-PK, measured for 50% duty cycle waveform
1001
= 0.220 VPK-PK, measured for 50% duty cycle waveform
1010
= 0.300 VPK-PK, measured for 50% duty cycle waveform
1011
= 0.400 VPK-PK, measured for 50% duty cycle waveform
1100
= 0.530 VPK-PK, measured for 50% duty cycle waveform
1101
= 0.700 VPK-PK, measured for 50% duty cycle waveform
1110
= 0.940 VPK-PK, measured for 50% duty cycle waveform
1111
= 1.250 VPK-PK, measured for 50% duty cycle waveform
bit 3-0
SLPS<3:0>: Slope Compensation
V/t Configuration bits
n
F
SW
100 000
---------------------


1
–
=
Where:
FSW = Device switching frequency
n = Decimal equivalent of SLPS<3:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com