Electronic Components Datasheet Search
  English  ▼

X  

MCP19111 Datasheet(PDF) 57 Page - Microchip Technology

Part # MCP19111
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19111 Datasheet(HTML) 57 Page - Microchip Technology

Back Button MCP19111 Datasheet HTML 53Page - Microchip Technology MCP19111 Datasheet HTML 54Page - Microchip Technology MCP19111 Datasheet HTML 55Page - Microchip Technology MCP19111 Datasheet HTML 56Page - Microchip Technology MCP19111 Datasheet HTML 57Page - Microchip Technology MCP19111 Datasheet HTML 58Page - Microchip Technology MCP19111 Datasheet HTML 59Page - Microchip Technology MCP19111 Datasheet HTML 60Page - Microchip Technology MCP19111 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 226 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 57
MCP19110/11
8.0
SYSTEM BENCH TESTING
To allow for easier system design and bench testing,
the MCP19110/11 family of devices feature a multi-
plexer used to output various internal analog signals.
These signals can be measured on the GPA0 pin
through a unity gain buffer. The configuration control of
the GPA0 pin is found in the ATSTCON register, as
shown in Register 8-1.
Control of the signals present at the output of the unity
gain buffer is found in the BUFFCON register, as shown
in Register 8-2.
8.1
Analog Bench Test Control
8.1.1
ATSTCON REGISTER
The ATSTCON register contains the bits used to dis-
able the MOSFET drivers and configure the GPA0 pin
as the unity gain buffer out, as shown in Register 8-1.
Note 1: The DRVDIS bit is reset to ‘1’ so the high-
side and low-side drivers are in a known
state after reset. This bit must be cleared
by software for normal operation.
REGISTER 8-1:
ATSTCON: ANALOG BENCH TEST CONTROL REGISTER
R/W-1
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-1
Reserved
—
—
Reserved
HIDIS
LODIS
BNCHEN
DRVDIS
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Reserved
bit 6-5
Unimplemented: Read as ‘0’
bit 4
Reserved
bit 3
HIDIS: High-side driver control bit
1
= High-side driver is disabled
0
= High-side driver is enabled
bit 2
LODIS: Low-side driver control bit
1
= Low-side driver is disabled
0
= Low-side driver is enabled
bit 1
BNCHEN: GPA0 bench test configuration control bit
1
= GPA0 is configured for analog bench test output
0
= GPA0 is configured for normal operation
bit 0
DRVDIS: MOSFET driver disable control bit
1
= High-side and low-side drivers are set low, PHASE pin is floating
0
= High-side and low-side drivers are set for normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com