Electronic Components Datasheet Search
  English  ▼

X  

MCP19111 Datasheet(PDF) 63 Page - Microchip Technology

Part # MCP19111
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19111 Datasheet(HTML) 63 Page - Microchip Technology

Back Button MCP19111 Datasheet HTML 59Page - Microchip Technology MCP19111 Datasheet HTML 60Page - Microchip Technology MCP19111 Datasheet HTML 61Page - Microchip Technology MCP19111 Datasheet HTML 62Page - Microchip Technology MCP19111 Datasheet HTML 63Page - Microchip Technology MCP19111 Datasheet HTML 64Page - Microchip Technology MCP19111 Datasheet HTML 65Page - Microchip Technology MCP19111 Datasheet HTML 66Page - Microchip Technology MCP19111 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 226 page
background image
 2013 Microchip Technology Inc.
DS20002331B-page 63
MCP19110/11
9.5
Calibration Word 5
The DIFC<7:0> bits at memory location 2085h contain
the offset voltage information for the output voltage
difference amplifier. The value is an 8-bit two’s
complement number that represents the number of the
OVCCON counts needed to adjust for the differential
amplifier offset. This value can be used to completely
remove the differential amplifier offset.
For example, the offset of the differential amplifier is
measured to be -64 mV. Since one OVCCON count
equals 16 mV, this represents four counts of the
OVCCON register. Therefore, the value stored at
location 2085h would be 0xFCh, where the setting of
the DIFC7 bit represents a negative number.
REGISTER 9-5:
CALWD5: CALIBRATION WORD 5 REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
bit 13
bit 8
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
DIFC7
DIFC6
DIFC5
DIFC4
DIFC3
DIFC2
DIFC1
DIFC0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 13-8
Unimplemented: Read as ‘0’
bit 7-0
DIFC<7:0>: OVCCON counts to adjust for differential amplifier offset calibration bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com