Electronic Components Datasheet Search
  English  ▼

X  

MCP19111 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP19111
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19111 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP19111 Datasheet HTML 29Page - Microchip Technology MCP19111 Datasheet HTML 30Page - Microchip Technology MCP19111 Datasheet HTML 31Page - Microchip Technology MCP19111 Datasheet HTML 32Page - Microchip Technology MCP19111 Datasheet HTML 33Page - Microchip Technology MCP19111 Datasheet HTML 34Page - Microchip Technology MCP19111 Datasheet HTML 35Page - Microchip Technology MCP19111 Datasheet HTML 36Page - Microchip Technology MCP19111 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 226 page
background image
 2013 Microchip Technology Inc.
DS20002331B-page 33
MCP19110/11
FIGURE 5-6:
PWM TIMING
TABLE 5-5:
PWM REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ† Max
Units
Conditions
53*
TccR
PWM (CLKPIN) output rise time
—
10
25
ns
54*
TccF
PWM (CLKPIN) output fall time
—
10
25
ns
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at VIN =12V (VDD = 5V), +25°C unless otherwise stated. Parameters are for design
guidance only and are not tested.
TABLE 5-6:
MCP19110/11 A/D CONVERTER (ADC) CHARACTERISTICS:
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +125°C
Param
No.
Sym
Characteristic
Min
Typ†
Max
Unit
s
Conditions
AD01
NR
Resolution
—
—
10
bit
AD02
EIL
Integral Error
—
—
1LSb AV
DD =5.0V
AD03
EDL
Differential Error
—
—
1
LSb
No missing codes to 10 bits
AVDD =5.0V
AD04
EOFF Offset Error
—
+3.0
+5.0
LSb
AVDD =5.0V
AD07
EGN Gain Error
—
2
5LSb AV
DD =5.0V
AD06
AD06A
VREF Reference Voltage
(3)
—AVDD
—V
AD07
VAIN Full-Scale Range
GND
—
AVDD
V
AD08
ZAIN Recommended Impedance
of Analog Voltage Source
——
10
k
*
These parameters are characterized but not tested.
† Data in ‘Typ’ column is at VIN = 12V (VDD = 5V), +25°C unless otherwise stated. These parameters are for
design guidance only and are not tested.
Note 1:
Total Absolute Error includes integral, differential, offset and gain errors.
2:
The A/D conversion result never decreases with an increase in the input voltage and has no missing
codes.
3:
When ADC is off, it will not consume any current other than leakage current. The power-down current
specification includes any such leakage from the ADC module.
Note:
Refer to Figure 5-1 for load conditions.
53
54
PWM (CLKPIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com