Electronic Components Datasheet Search
  English  ▼

X  

MCP19111 Datasheet(PDF) 73 Page - Microchip Technology

Part # MCP19111
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19111 Datasheet(HTML) 73 Page - Microchip Technology

Back Button MCP19111 Datasheet HTML 69Page - Microchip Technology MCP19111 Datasheet HTML 70Page - Microchip Technology MCP19111 Datasheet HTML 71Page - Microchip Technology MCP19111 Datasheet HTML 72Page - Microchip Technology MCP19111 Datasheet HTML 73Page - Microchip Technology MCP19111 Datasheet HTML 74Page - Microchip Technology MCP19111 Datasheet HTML 75Page - Microchip Technology MCP19111 Datasheet HTML 76Page - Microchip Technology MCP19111 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 226 page
background image
 2013 Microchip Technology Inc.
DS20002331B-page 73
MCP19110/11
TABLE 11-2:
MCP19110/11 SPECIAL REGISTERS SUMMARY BANK 0
Adr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR Reset
Value on
all other
resets(1)
Bank 0
00h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
xxxx xxxx
01h
TMR0
Timer0 Module’s Register
xxxx xxxx
uuuu uuuu
02h
PCL
Program Counter's (PC) Least Significant byte
0000 0000
0000 0000
03h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
000q quuu
04h
FSR
Indirect data memory address pointer
xxxx xxxx
uuuu uuuu
05h
PORTGPA
GPA7
GPA6
GPA5
GPA4
GPA3
GPA2
GPA1
GPA0
xxxx xxxx
uuuu uuuu
06h
PORTGPB
GPB7
GPB6
GPB5
GPB4
—
GPB2
GPB1
GPB0
xxx- xxxx
uuu- uuuu
07h
PIR1
—
ADIF
BCLIF
SSPIF
—
—TMR2IF
TMR1IF
-000 --00
-000 --00
08h
PIR2
UVIF
—OCIF
OVIF
—
—
VINIF
DCERIF
0-00 --00
0-00 --00
09h
PCON
—
—
—
—
—OT
POR
—
---- -qq-
---- -uu-
0Ah
PCLATH
—
—
—
Write buffer for upper 5 bits of program counter
---0 0000
---0 0000
0Bh
INTCON
GIE
PEIE
T0IE
INTE
IOCE
T0IF
INTF
IOCF(3)
0000 000x
0000 000u
0Ch
TMR1L
Holding register for the Least Significant byte of the 16-bit TMR1
xxxx xxxx
uuuu uuuu
0Dh
TMR1H
Holding register for the Most Significant byte of the 16-bit TMR1
xxxx xxxx
uuuu uuuu
0Eh
T1CON
—
—
T1CKPS1
T1CKPS0
—
—
TMR1CS
TMR1ON
--00 --00
--uu --uu
0Fh
TMR2
Timer2 Module Register
0000 0000
uuuu uuuu
10h
T2CON
—
—
—
—
—
TMR2ON
T2CKPS1
T2CKPS0
---- -000
---- -000
11h
PR2
Timer2 Module Period Register
1111 1111
1111 1111
12h
—
Unimplemented
—
—
13h
PWMPHL
SLAVE Phase Shift Register
xxxx xxxx
uuuu uuuu
14h
PWMPHH
SLAVE Phase Shift Register
xxxx xxxx
uuuu uuuu
15h
PWMRL
PWM Register Low Byte
xxxx xxxx
uuuu uuuu
16h
PWMRH
PWM Register High Byte
xxxx xxxx
uuuu uuuu
17h
—
Unimplemented
—
—
18h
—
Unimplemented
—
—
19h
OVCCON
OVC7
OVC6
OVC5
OVC4
OVC3
OVC2
OVC1
OVC0
0000 0000
0000 0000
1Ah
OVFCON
VOUTON
—
—
OVF4
OVF3
OVF2
OVF1
OVF0
0--0 0000
0--0 0000
1Bh
OSCTUNE
—
—
—
TUN4
TUN3
TUN2
TUN1
TUN0
---0 0000
---0 0000
1Ch
ADRESL
Least significant 8 bits of the right-shifted result
xxxx xxxx
uuuu uuuu
1Dh
ADRESH
Most significant 2 bits of right-shifted result
---- --xx
uuuu uuuu
1Eh
ADCON0
—
CHS4
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
-000 0000
-000 0000
1Fh
ADCON1
—
ADCS2
ADCS1
ADCS0
—
—
—
—
-000 ----
-000 ----
Legend:
— = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
Other (non power-up) resets include MCLR Reset and Watchdog Timer Reset during normal operation.
2:
IRP & RP1 bits are reserved, always maintain these bits clear.
3:
MCLR and WDT reset does not affect the previous value data latch. The IOCF bit will be cleared upon reset but will set again if the
mismatch exists.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com