Electronic Components Datasheet Search
  English  ▼

X  

MCP19111 Datasheet(PDF) 91 Page - Microchip Technology

Part # MCP19111
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19111 Datasheet(HTML) 91 Page - Microchip Technology

Back Button MCP19111 Datasheet HTML 87Page - Microchip Technology MCP19111 Datasheet HTML 88Page - Microchip Technology MCP19111 Datasheet HTML 89Page - Microchip Technology MCP19111 Datasheet HTML 90Page - Microchip Technology MCP19111 Datasheet HTML 91Page - Microchip Technology MCP19111 Datasheet HTML 92Page - Microchip Technology MCP19111 Datasheet HTML 93Page - Microchip Technology MCP19111 Datasheet HTML 94Page - Microchip Technology MCP19111 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 226 page
background image
 2013 Microchip Technology Inc.
DS20002331B-page 91
MCP19110/11
14.7
Determining the Cause of a Reset
Upon any Reset, multiple bits in the STATUS and
PCON register are updated to indicate the cause of the
Reset. Table 14-4 and Table 14-5 show the Reset
conditions of these registers.
PMDATH
195h
--00 0000
--00 0000
--uu uuuu
OSCCAL
198h
-xxx xxxx
-uuu uuuu
-uuu uuuu
DOVCAL
199h
---- xxxx
---- uuuu
---- uuuu
TTACAL
19Ah
---- xxxx
---- uuuu
---- uuuu
BGRCAL
19Bh
---- xxxx
---- uuuu
---- uuuu
VROCAL
19Ch
---- xxxx
---- uuuu
---- uuuu
ZROCAL
19Dh
---- xxxx
---- uuuu
---- uuuu
ATSTCON
19F
1--- 0001
1--- 0001
u--- uuuu
TABLE 14-3:
INITIALIZATION CONDITION FOR REGISTERS (CONTINUED)
Register
Address
Power-on
Reset
MCLR Reset
WDT Reset
Wake-up from Sleep through
Interrupt
Wake-up from Sleep through
WDT Time-out
Legend:
u
= unchanged, x = unknown, – = unimplemented bit, reads as ‘0’, q = value depends on condition.
Note
1:
If VDD goes too low, Power-on Reset will be activated and registers will be affected differently.
2:
One or more bits in INTCON and/or PIRx will be affected (to cause wake-up).
3:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector (0004h).
4:
See Table 14-5 for Reset value for specific condition.
TABLE 14-4:
RESET STATUS BITS AND
THEIR SIGNIFICANCE
POR
TO
PD
Condition
01
1
Power-on Reset
u0
u
WDT Reset
u0
0
WDT Wake-up from Sleep
u1
0
Interrupt Wake-up from Sleep
uu
u
MCLR Reset during normal
operation
u1
0
MCLR Reset during Sleep
00
x
Not allowed. TO is set on POR
0x
0
Not allowed. PD is set on POR
TABLE 14-5:
RESET CONDITION FOR SPECIAL REGISTERS (Note 2)
Condition
Program
Counter
STATUS
Register
PCON
Register
Power-on Reset
0000h
0001 1xxx
---- -u0-
MCLR Reset during normal operation
0000h
000u uuuu
---- -uu-
MCLR Reset during Sleep
0000h
0001 0uuu
---- -uu-
WDT Reset
0000h
0000 uuuu
---- -uu-
WDT Wake-up from Sleep
PC + 1
uuu0 0uuu
---- -uu-
Interrupt Wake-up from Sleep
PC + 1(1)
uuu1 0uuu
---- -uu-
Legend:
u
= unchanged, x = unknown, - = unimplemented bit, reads as ‘0’.
Note
1:
When the wake-up is due to an interrupt and Global Enable bit (GIE) is set, the return address is pushed on the stack
and PC is loaded with the interrupt vector (0004h) after execution of PC + 1.
2:
If a Status bit is not implemented, that bit will be read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com