Electronic Components Datasheet Search
  English  ▼

X  

C4532 Datasheet(PDF) 18 Page - TDK Electronics

Part # C4532
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4532 Datasheet(HTML) 18 Page - TDK Electronics

Back Button C4532 Datasheet HTML 14Page - TDK Electronics C4532 Datasheet HTML 15Page - TDK Electronics C4532 Datasheet HTML 16Page - TDK Electronics C4532 Datasheet HTML 17Page - TDK Electronics C4532 Datasheet HTML 18Page - TDK Electronics C4532 Datasheet HTML 19Page - TDK Electronics C4532 Datasheet HTML 20Page - TDK Electronics C4532 Datasheet HTML 21Page - TDK Electronics C4532 Datasheet HTML 22Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 20
Capacitance
Range Table
C0603 [EIA CC0201]
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
C0603X5R1A682K
X5R
10V
6,800
± 10%
0.30 ± 0.03
C0603X5R1A682M
X5R
10V
6,800
± 20%
0.30 ± 0.03
C0603X5R1A103K
X5R
10V
10,000
± 10%
0.30 ± 0.03
C0603X5R1A103M
X5R
10V
10,000
± 20%
0.30 ± 0.03
C0603X5R1A104K
X5R
10V
100,000
± 10%
0.30 ± 0.03
C0603X5R1A154K
X5R
10V
150,000
± 10%
0.30 ± 0.03
C0603X5R1A224K
X5R
10V
220,000
± 10%
0.30 ± 0.03
C0603X5R1A224M
X5R
10V
220,000
± 20%
0.30 ± 0.03
C0603X5R0J103K
X5R
6.3V
10,000
± 10%
0.30 ± 0.03
C0603X5R0J103M
X5R
6.3V
10,000
± 20%
0.30 ± 0.03
C0603X5R0J153K
X5R
6.3V
15,000
± 10%
0.30 ± 0.03
C0603X5R0J153M
X5R
6.3V
15,000
± 20%
0.30 ± 0.03
C0603X5R0J223K
X5R
6.3V
22,000
± 10%
0.30 ± 0.03
C0603X5R0J223M
X5R
6.3V
22,000
± 20%
0.30 ± 0.03
C0603X5R0J333K
X5R
6.3V
33,000
± 10%
0.30 ± 0.03
C0603X5R0J333M
X5R
6.3V
33,000
± 20%
0.30 ± 0.03
C0603X5R0J473K
X5R
6.3V
47,000
± 10%
0.30 ± 0.03
C0603X5R0J473M
X5R
6.3V
47,000
± 20%
0.30 ± 0.03
C0603X5R0J683K
X5R
6.3V
68,000
± 10%
0.30 ± 0.03
C0603X5R0J683M
X5R
6.3V
68,000
± 20%
0.30 ± 0.03
C0603X5R0J104K
X5R
6.3V
100,000
± 10%
0.30 ± 0.03
C0603X5R0J104M
X5R
6.3V
100,000
± 20%
0.30 ± 0.03
C0603X5R0J154K
X5R
6.3V
150,000
± 10%
0.30 ± 0.03
C0603X5R0J154M
X5R
6.3V
150,000
± 20%
0.30 ± 0.03
C0603X5R0J224K
X5R
6.3V
220,000
± 10%
0.30 ± 0.03
C0603X5R0J224M
X5R
6.3V
220,000
± 20%
0.30 ± 0.03
C0603Y5V1C103Z
Y5V
16V
10,000
+80/-20%
0.30 ± 0.03
Class 2 (Temperature Stable)
Temperature Characteristics: X5R (-55 to +85ºC, ±15%), Y5V(-30 to +85ºC, +22/-82%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com