Electronic Components Datasheet Search
  English  ▼

X  

C4532 Datasheet(PDF) 60 Page - TDK Electronics

Part # C4532
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4532 Datasheet(HTML) 60 Page - TDK Electronics

Back Button C4532 Datasheet HTML 56Page - TDK Electronics C4532 Datasheet HTML 57Page - TDK Electronics C4532 Datasheet HTML 58Page - TDK Electronics C4532 Datasheet HTML 59Page - TDK Electronics C4532 Datasheet HTML 60Page - TDK Electronics C4532 Datasheet HTML 61Page - TDK Electronics C4532 Datasheet HTML 62Page - TDK Electronics C4532 Datasheet HTML 63Page - TDK Electronics C4532 Datasheet HTML 64Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 62
Capacitance
Range Chart
C5750 [EIA CC2220]
Capacitance Range Chart
Temperature Characteristics: X7R (± 15%), X5R (± 15%), Y5V (+22/-82%)
Rated Voltage: 50V (1H), 25V (1E), 16V (1C), 10V (1A), 6.3V (0J)
Standard Thickness
2.00 mm
2.50 mm
2.30 mm
2.80 mm
Capacitance
(pF)
Cap
Code
Tolerance
X7R
X5R
1H
(50V)
1E
(25V)
1C
(16V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
4,700,000
475
K: ± 10%
M: ± 20%
6,800,000
685
10,000,000
106
15,000,000
156
22,000,000
226
33,000,000
336
47,000,000
476
68,000,000
686
100,000,000
107
Capacitance
(pF)
Cap
Code
Tolerance
Y5V
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
10,000,000
106
Z: +80/-20%
22,000,000
226
47,000,000
476
100,000,000
107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com