Electronic Components Datasheet Search
  English  ▼

X  

C4532 Datasheet(PDF) 31 Page - TDK Electronics

Part # C4532
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4532 Datasheet(HTML) 31 Page - TDK Electronics

Back Button C4532 Datasheet HTML 27Page - TDK Electronics C4532 Datasheet HTML 28Page - TDK Electronics C4532 Datasheet HTML 29Page - TDK Electronics C4532 Datasheet HTML 30Page - TDK Electronics C4532 Datasheet HTML 31Page - TDK Electronics C4532 Datasheet HTML 32Page - TDK Electronics C4532 Datasheet HTML 33Page - TDK Electronics C4532 Datasheet HTML 34Page - TDK Electronics C4532 Datasheet HTML 35Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 33
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
C1608C0G1H100D
C0G
50V
10
± 0.50pF
0.80 ± 0.10
C1608C0G1H110J
C0G
50V
11
± 5%
0.80 ± 0.10
C1608C0G1H120J
C0G
50V
12
± 5%
0.80 ± 0.10
C1608C0G1H130J
C0G
50V
13
± 5%
0.80 ± 0.10
C1608C0G1H150J
C0G
50V
15
± 5%
0.80 ± 0.10
C1608C0G1H160J
C0G
50V
16
± 5%
0.80 ± 0.10
C1608C0G1H180J
C0G
50V
18
± 5%
0.80 ± 0.10
C1608C0G1H200J
C0G
50V
20
± 5%
0.80 ± 0.10
C1608C0G1H220J
C0G
50V
22
± 5%
0.80 ± 0.10
C1608C0G1H240J
C0G
50V
24
± 5%
0.80 ± 0.10
C1608C0G1H270J
C0G
50V
27
± 5%
0.80 ± 0.10
C1608C0G1H300J
C0G
50V
30
± 5%
0.80 ± 0.10
C1608C0G1H330J
C0G
50V
33
± 5%
0.80 ± 0.10
C1608C0G1H360J
C0G
50V
36
± 5%
0.80 ± 0.10
C1608C0G1H390J
C0G
50V
39
± 5%
0.80 ± 0.10
C1608C0G1H430J
C0G
50V
43
± 5%
0.80 ± 0.10
C1608C0G1H470J
C0G
50V
47
± 5%
0.80 ± 0.10
C1608C0G1H510J
C0G
50V
51
± 5%
0.80 ± 0.10
C1608C0G1H560J
C0G
50V
56
± 5%
0.80 ± 0.10
C1608C0G1H620J
C0G
50V
62
± 5%
0.80 ± 0.10
C1608C0G1H680J
C0G
50V
68
± 5%
0.80 ± 0.10
C1608C0G1H750J
C0G
50V
75
± 5%
0.80 ± 0.10
C1608C0G1H820J
C0G
50V
82
± 5%
0.80 ± 0.10
C1608C0G1H910J
C0G
50V
91
± 5%
0.80 ± 0.10
C1608C0G1H101J
C0G
50V
100
± 5%
0.80 ± 0.10
C1608C0G1H111J
C0G
50V
110
± 5%
0.80 ± 0.10
C1608C0G1H121J
C0G
50V
120
± 5%
0.80 ± 0.10
C1608C0G1H131J
C0G
50V
130
± 5%
0.80 ± 0.10
C1608C0G1H151J
C0G
50V
150
± 5%
0.80 ± 0.10
C1608C0G1H161J
C0G
50V
160
± 5%
0.80 ± 0.10
C1608C0G1H181J
C0G
50V
180
± 5%
0.80 ± 0.10
C1608C0G1H201J
C0G
50V
200
± 5%
0.80 ± 0.10
C1608C0G1H221J
C0G
50V
220
± 5%
0.80 ± 0.10
C1608C0G1H241J
C0G
50V
240
± 5%
0.80 ± 0.10
C1608C0G1H271J
C0G
50V
270
± 5%
0.80 ± 0.10
C1608C0G1H301J
C0G
50V
300
± 5%
0.80 ± 0.10
C1608C0G1H331J
C0G
50V
330
± 5%
0.80 ± 0.10
C1608C0G1H361J
C0G
50V
360
± 5%
0.80 ± 0.10
C1608C0G1H391J
C0G
50V
390
± 5%
0.80 ± 0.10
C1608C0G1H431J
C0G
50V
430
± 5%
0.80 ± 0.10
C1608C0G1H471J
C0G
50V
470
± 5%
0.80 ± 0.10
C1608C0G1H511J
C0G
50V
510
± 5%
0.80 ± 0.10
C1608C0G1H561J
C0G
50V
560
± 5%
0.80 ± 0.10
C1608C0G1H621J
C0G
50V
620
± 5%
0.80 ± 0.10
Class 1 (Temperature Compensating)
Temperature Characteristics: C0G (-55 to 125ºC, 0±30 ppm/ºC)
Capacitance
Range Table
C1608 [EIA CC0603]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com