Electronic Components Datasheet Search
  English  ▼

X  

C4532 Datasheet(PDF) 42 Page - TDK Electronics

Part # C4532
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4532 Datasheet(HTML) 42 Page - TDK Electronics

Back Button C4532 Datasheet HTML 38Page - TDK Electronics C4532 Datasheet HTML 39Page - TDK Electronics C4532 Datasheet HTML 40Page - TDK Electronics C4532 Datasheet HTML 41Page - TDK Electronics C4532 Datasheet HTML 42Page - TDK Electronics C4532 Datasheet HTML 43Page - TDK Electronics C4532 Datasheet HTML 44Page - TDK Electronics C4532 Datasheet HTML 45Page - TDK Electronics C4532 Datasheet HTML 46Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 44
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
C2012C0G1E103J
C0G
25V
10,000
± 5%
0.60 ± 0.10
C2012C0G1E153J
C0G
25V
15,000
± 5%
0.85 ± 0.10
C2012C0G1E223J
C0G
25V
22,000
± 5%
1.25 ± 0.20
C2012C0G1E333J
C0G
25V
33,000
± 5%
1.25 ± 0.20
Class 1 (Temperature Compensating)
Temperature Characteristics: C0G (-55 to 125ºC, 0±30 ppm/ºC)
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
C2012X7R1H102K
X7R
50V
1,000
± 10%
0.60 ± 0.10
C2012X7R1H102M
X7R
50V
1,000
± 20%
0.60 ± 0.10
C2012X7R1H222K
X7R
50V
2,200
± 10%
0.60 ± 0.10
C2012X7R1H222M
X7R
50V
2,200
± 20%
0.60 ± 0.10
C2012X7R1H472K
X7R
50V
4,700
± 10%
0.60 ± 0.10
C2012X7R1H472M
X7R
50V
4,700
± 20%
0.60 ± 0.10
C2012X7R1H103K
X7R
50V
10,000
± 10%
0.60 ± 0.10
C2012X7R1H103M
X7R
50V
10,000
± 20%
0.60 ± 0.10
C2012X7R1H223K/0.60
X7R
50V
22,000
± 10%
0.60 ± 0.10
C2012X7R1H223M/0.60
X7R
50V
22,000
± 20%
0.60 ± 0.10
C2012X7R1H473K/1.25
X7R
50V
47,000
± 10%
1.25 ± 0.20
C2012X7R1H473M/1.25
X7R
50V
47,000
± 20%
1.25 ± 0.20
C2012X7R1H104K/0.85
X7R
50V
100,000
± 10%
0.85 ± 0.10
C2012X7R1H104M/0.85
X7R
50V
100,000
± 20%
0.85 ± 0.10
C2012X7R1H104K/1.25
X7R
50V
100,000
± 10%
1.25 ± 0.20
C2012X7R1H104M/1.25
X7R
50V
100,000
± 20%
1.25 ± 0.20
C2012X7R1H154K
X7R
50V
150,000
± 10%
1.25 ± 0.20
C2012X7R1H154M
X7R
50V
150,000
± 20%
1.25 ± 0.20
C2012X7R1H224K
X7R
50V
220,000
± 10%
1.25 ± 0.20
C2012X7R1H224M
X7R
50V
220,000
± 20%
1.25 ± 0.20
C2012X7R1H334K
X7R
50V
330,000
± 10%
1.25 ± 0.20
C2012X7R1H334M
X7R
50V
330,000
± 20%
1.25 ± 0.20
C2012X7R1H474K
X7R
50V
470,000
± 10%
1.25 ± 0.20
C2012X7R1H474M
X7R
50V
470,000
± 20%
1.25 ± 0.20
C2012X7R1H684K
X7R
50V
680,000
± 10%
1.25 ± 0.20
C2012X7R1H684M
X7R
50V
680,000
± 20%
1.25 ± 0.20
C2012X7R1H105K
X7R
50V
1,000,000
± 10%
1.25 ± 0.20
C2012X7R1H105M
X7R
50V
1,000,000
± 20%
1.25 ± 0.20
C2012X7R1H155K
X7R
50V
1,500,000
± 10%
1.25 ± 0.20
C2012X7R1H155M
X7R
50V
1,500,000
± 20%
1.25 ± 0.20
C2012X7R1H225K
X7R
50V
2,200,000
± 10%
1.25 ± 0.20
C2012X7R1H225M
X7R
50V
2,200,000
± 20%
1.25 ± 0.20
C2012X7R1V105K
X7R
35V
1,000,000
± 10%
1.25 ± 0.20
C2012X7R1V105M
X7R
35V
1,000,000
± 20%
1.25 ± 0.20
C2012X7R1V225K
X7R
35V
2,200,000
± 10%
1.25 ± 0.20
C2012X7R1V225M
X7R
35V
2,200,000
± 20%
1.25 ± 0.20
Class 2 (Temperature Stable)
Temperature Characteristics: X7R (-55 to +125ºC, ±15%)
Capacitance
Range Table
C2012 [EIA CC0805]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com