Electronic Components Datasheet Search
  English  ▼

X  

C4532 Datasheet(PDF) 62 Page - TDK Electronics

Part # C4532
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4532 Datasheet(HTML) 62 Page - TDK Electronics

Back Button C4532 Datasheet HTML 58Page - TDK Electronics C4532 Datasheet HTML 59Page - TDK Electronics C4532 Datasheet HTML 60Page - TDK Electronics C4532 Datasheet HTML 61Page - TDK Electronics C4532 Datasheet HTML 62Page - TDK Electronics C4532 Datasheet HTML 63Page - TDK Electronics C4532 Datasheet HTML 64Page - TDK Electronics C4532 Datasheet HTML 65Page - TDK Electronics C4532 Datasheet HTML 66Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 64
General
Specifications
C Series – General Application
No.
Item
Performance
Test or Inspection Method
1
External
Appearance
No defects which may affect
performance.
Inspect with magnifying glass (3×), in case of C0603
type, with magnifying glass (10×).
2
Insulation
Resistance
10,000MΩ or 500MΩ•μF min.
(As for the capacitors of rated voltage
16, 10 and 6.3V DC, 10,000 MΩ or
100MΩ•μF min.,) whichever smaller.
Apply rated voltage for 60s. As for the rated voltage
630V DC, apply 500V DC.
3
Voltage Proof
Withstand test voltage without
insulation breakdown or other damage.
Above DC voltage shall be applied for 1 to 5s. Charge /
discharge current shall not exceed 50mA.
4
Capacitance
Within the specified tolerance.
5
Q
(Class 1)
C : Rated capacitance (pF)
See No.4 in this table for measuring condition.
6
Dissipation
Factor
(Class 2)
See No.4 in this table for measuring condition.
Class
Apply voltage
Class 1 3 × rated voltage
Class 2 2.5 × rated voltage
Class
Rated
Capacitance
Measuring
Frequency
Measuring
voltage
Class 1
C ≤ 1000pF
1MHz±10%
0.5 - 5 Vrms
C >1000pF
1kHz±10%
Class 2
C ≤ 10uF
1kHz±10%
0.5±0.2Vrms
1.0±0.2Vrms
C > 10uF
120Hz±20%
0.5±0.2 Vrms
T.C.
Rated
Voltage
D.F.
X5R
X7R
-
0.03 max.
0.05 max.
0.75 max.
0.1 max.
0.125 max.
0.15 max.
Y5V
50VDC
0.05 max.
25VDC
0.075 max.
16VDC
0.10 max.
10VDC
0.125 max.
6.3VDC
0.20 max.
Rated Capacitance
Q
30pF and over
1,000 min.
Under 30pF
400+20×C min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com