Electronic Components Datasheet Search
  English  ▼

X  

C4532 Datasheet(PDF) 63 Page - TDK Electronics

Part # C4532
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4532 Datasheet(HTML) 63 Page - TDK Electronics

Back Button C4532 Datasheet HTML 59Page - TDK Electronics C4532 Datasheet HTML 60Page - TDK Electronics C4532 Datasheet HTML 61Page - TDK Electronics C4532 Datasheet HTML 62Page - TDK Electronics C4532 Datasheet HTML 63Page - TDK Electronics C4532 Datasheet HTML 64Page - TDK Electronics C4532 Datasheet HTML 65Page - TDK Electronics C4532 Datasheet HTML 66Page - TDK Electronics C4532 Datasheet HTML 67Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 65
General
Specifications
C Series – General Application
No.
Item
Performance
Test or Inspection Method
7
Temperature
Characteristics
of Capacitance
(Class 1)
Capacitance drift
Within ± 0.2% or ±0.05pF, whichever
larger.
Temperature coefficient shall be calculated based on
values at 25ºC and 85ºC temperature.
Measuring temperature below 20ºC shall be -10ºC and
-25ºC.
8
Temperature
Characteristics
of Capacitance
(Class 2)
Capacitance Change (%)
Capacitance shall be measured by the steps shown in
the following table after thermal equilibrium is obtained
for each step.
∆C be calculated ref. STEP 3 reading
Measuring voltage: 0.1, 0.2, 0.5, 1.0Vrms.
9
Robustness of
Terminations
No sign of termination coming off,
breakage of ceramic, or other abnormal
signs.
Reflow solder the capacitor on P.C. board (shown in
Appendix 1a or Appendix 1b) and apply a pushing
force of 2N (C0603, C1005) or 5N (C1608, C2012,
C3216, C3225, C4532, C5750) for 10±1s.
10
Bending
No mechanical damage.
Reflow solder the capacitor on P.C. board (shown in
Appendix 2a or Appendix 2b) and bend it for 1mm.
T.C. Temperature Coefficient
C0G 0 ± 30 (ppm/ºC)
Step
Temperature (ºC)
1
Reference temp. ± 2
2
Min. operating temp. ± 2
3
Reference temp. ± 2
4
Max. operating temp. ± 2
No Voltage Applied
X5R: ± 15%
X7R: ± 15%
X6S: ± 22%
X7S: ± 22%
X7T: +22/-33%
Y5V: + 22/-82%
Pushing force
P.C. board
Capacitor
1
20
50
F
R230
45
45
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com