Electronic Components Datasheet Search
  English  ▼

X  

C4532 Datasheet(PDF) 22 Page - TDK Electronics

Part # C4532
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4532 Datasheet(HTML) 22 Page - TDK Electronics

Back Button C4532 Datasheet HTML 18Page - TDK Electronics C4532 Datasheet HTML 19Page - TDK Electronics C4532 Datasheet HTML 20Page - TDK Electronics C4532 Datasheet HTML 21Page - TDK Electronics C4532 Datasheet HTML 22Page - TDK Electronics C4532 Datasheet HTML 23Page - TDK Electronics C4532 Datasheet HTML 24Page - TDK Electronics C4532 Datasheet HTML 25Page - TDK Electronics C4532 Datasheet HTML 26Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 24
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
C1005C0G1H090D
C0G
50V
9.0
± 0.50pF
0.50 ± 0.05
C1005C0G1H100C
C0G
50V
10
± 0.25pF
0.50 ± 0.05
C1005C0G1H100D
C0G
50V
10
± 0.50pF
0.50 ± 0.05
C1005C0G1H110J
C0G
50V
11
± 5%
0.50 ± 0.05
C1005C0G1H120J
C0G
50V
12
± 5%
0.50 ± 0.05
C1005C0G1H130J
C0G
50V
13
± 5%
0.50 ± 0.05
C1005C0G1H150J
C0G
50V
15
± 5%
0.50 ± 0.05
C1005C0G1H160J
C0G
50V
16
± 5%
0.50 ± 0.05
C1005C0G1H180J
C0G
50V
18
± 5%
0.50 ± 0.05
C1005C0G1H200J
C0G
50V
20
± 5%
0.50 ± 0.05
C1005C0G1H220J
C0G
50V
22
± 5%
0.50 ± 0.05
C1005C0G1H240J
C0G
50V
24
± 5%
0.50 ± 0.05
C1005C0G1H270J
C0G
50V
27
± 5%
0.50 ± 0.05
C1005C0G1H300J
C0G
50V
30
± 5%
0.50 ± 0.05
C1005C0G1H330J
C0G
50V
33
± 5%
0.50 ± 0.05
C1005C0G1H360J
C0G
50V
36
± 5%
0.50 ± 0.05
C1005C0G1H390J
C0G
50V
39
± 5%
0.50 ± 0.05
C1005C0G1H430J
C0G
50V
43
± 5%
0.50 ± 0.05
C1005C0G1H470J
C0G
50V
47
± 5%
0.50 ± 0.05
C1005C0G1H510J
C0G
50V
51
± 5%
0.50 ± 0.05
C1005C0G1H560J
C0G
50V
56
± 5%
0.50 ± 0.05
C1005C0G1H620J
C0G
50V
62
± 5%
0.50 ± 0.05
C1005C0G1H680J
C0G
50V
68
± 5%
0.50 ± 0.05
C1005C0G1H750J
C0G
50V
75
± 5%
0.50 ± 0.05
C1005C0G1H820J
C0G
50V
82
± 5%
0.50 ± 0.05
C1005C0G1H910J
C0G
50V
91
± 5%
0.50 ± 0.05
C1005C0G1H101J
C0G
50V
100
± 5%
0.50 ± 0.05
C1005C0G1H121J
C0G
50V
120
± 5%
0.50 ± 0.05
C1005C0G1H151J
C0G
50V
150
± 5%
0.50 ± 0.05
C1005C0G1H181J
C0G
50V
180
± 5%
0.50 ± 0.05
C1005C0G1H221J
C0G
50V
220
± 5%
0.50 ± 0.05
C1005C0G1H271J
C0G
50V
270
± 5%
0.50 ± 0.05
C1005C0G1H331J
C0G
50V
330
± 5%
0.50 ± 0.05
C1005C0G1H391J
C0G
50V
390
± 5%
0.50 ± 0.05
C1005C0G1H471J
C0G
50V
470
± 5%
0.50 ± 0.05
C1005C0G1H561J
C0G
50V
560
± 5%
0.50 ± 0.05
C1005C0G1H681J
C0G
50V
680
± 5%
0.50 ± 0.05
C1005C0G1H821J
C0G
50V
820
± 5%
0.50 ± 0.05
C1005C0G1H102J
C0G
50V
1,000
± 5%
0.50 ± 0.05
C1005C0G1E561J
C0G
25V
560
± 5%
0.50 ± 0.05
C1005C0G1E681J
C0G
25V
680
± 5%
0.50 ± 0.05
C1005C0G1E821J
C0G
25V
820
± 5%
0.50 ± 0.05
C1005C0G1E102J
C0G
25V
1,000
± 5%
0.50 ± 0.05
Class 1 (Temperature Compensating)
Temperature Characteristics: C0G (-55 to 125ºC, 0±30 ppm/ºC)
Capacitance
Range Table
C1005 [EIA CC0402]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com