Electronic Components Datasheet Search
  English  ▼

X  

C4532 Datasheet(PDF) 24 Page - TDK Electronics

Part # C4532
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4532 Datasheet(HTML) 24 Page - TDK Electronics

Back Button C4532 Datasheet HTML 20Page - TDK Electronics C4532 Datasheet HTML 21Page - TDK Electronics C4532 Datasheet HTML 22Page - TDK Electronics C4532 Datasheet HTML 23Page - TDK Electronics C4532 Datasheet HTML 24Page - TDK Electronics C4532 Datasheet HTML 25Page - TDK Electronics C4532 Datasheet HTML 26Page - TDK Electronics C4532 Datasheet HTML 27Page - TDK Electronics C4532 Datasheet HTML 28Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 26
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
C1005X7R1E152K
X7R
25V
1,500
± 10%
0.50 ± 0.05
C1005X7R1E152M
X7R
25V
1,500
± 20%
0.50 ± 0.05
C1005X7R1E222K
X7R
25V
2,200
± 10%
0.50 ± 0.05
C1005X7R1E222M
X7R
25V
2,200
± 20%
0.50 ± 0.05
C1005X7R1E332K
X7R
25V
3,300
± 10%
0.50 ± 0.05
C1005X7R1E332M
X7R
25V
3,300
± 20%
0.50 ± 0.05
C1005X7R1E472K
X7R
25V
4,700
± 10%
0.50 ± 0.05
C1005X7R1E472M
X7R
25V
4,700
± 20%
0.50 ± 0.05
C1005X7R1E682K
X7R
25V
6,800
± 10%
0.50 ± 0.05
C1005X7R1E682M
X7R
25V
6,800
± 20%
0.50 ± 0.05
C1005X7R1E103J
X7R
25V
10,000
± 5%
0.50 ± 0.05
C1005X7R1E103K
X7R
25V
10,000
± 10%
0.50 ± 0.05
C1005X7R1E103M
X7R
25V
10,000
± 20%
0.50 ± 0.05
C1005X7R1E153K
X7R
25V
15,000
± 10%
0.50 ± 0.05
C1005X7R1E153M
X7R
25V
15,000
± 20%
0.50 ± 0.05
C1005X7R1E223K
X7R
25V
22,000
± 10%
0.50 ± 0.05
C1005X7R1E223M
X7R
25V
22,000
± 20%
0.50 ± 0.05
C1005X7R1E333K
X7R
25V
33,000
± 10%
0.50 ± 0.05
C1005X7R1E333M
X7R
25V
33,000
± 20%
0.50 ± 0.05
C1005X7R1E473K
X7R
25V
47,000
± 10%
0.50 ± 0.05
C1005X7R1E473M
X7R
25V
47,000
± 20%
0.50 ± 0.05
C1005X7R1E683K
X7R
25V
68,000
± 10%
0.50 ± 0.05
C1005X7R1E683M
X7R
25V
68,000
± 20%
0.50 ± 0.05
C1005X7R1E104K
X7R
25V
100,000
± 10%
0.50 ± 0.05
C1005X7R1E104M
X7R
25V
100,000
± 20%
0.50 ± 0.05
C1005X7R1C103K
X7R
16V
10,000
± 10%
0.50 ± 0.05
C1005X7R1C103M
X7R
16V
10,000
± 20%
0.50 ± 0.05
C1005X7R1C153K
X7R
16V
15,000
± 10%
0.50 ± 0.05
C1005X7R1C153M
X7R
16V
15,000
± 20%
0.50 ± 0.05
C1005X7R1C223K
X7R
16V
22,000
± 10%
0.50 ± 0.05
C1005X7R1C223M
X7R
16V
22,000
± 20%
0.50 ± 0.05
C1005X7R1C333K
X7R
16V
33,000
± 10%
0.50 ± 0.05
C1005X7R1C333M
X7R
16V
33,000
± 20%
0.50 ± 0.05
C1005X7R1C473K
X7R
16V
47,000
± 10%
0.50 ± 0.05
C1005X7R1C473M
X7R
16V
47,000
± 20%
0.50 ± 0.05
C1005X7R1C683K
X7R
16V
68,000
± 10%
0.50 ± 0.05
C1005X7R1C683M
X7R
16V
68,000
± 20%
0.50 ± 0.05
C1005X7R1C104K
X7R
16V
100,000
± 10%
0.50 ± 0.05
C1005X7R1C104M
X7R
16V
100,000
± 20%
0.50 ± 0.05
C1005X7R1C154K
X7R
16V
150,000
± 10%
0.50 ± 0.05
C1005X7R1C154M
X7R
16V
150,000
± 20%
0.50 ± 0.05
C1005X7R1C224K
X7R
16V
220,000
± 10%
0.50 ± 0.05
C1005X7R1C224M
X7R
16V
220,000
± 20%
0.50 ± 0.05
C1005X7R1A473K
X7R
10V
47,000
± 10%
0.50 ± 0.05
Class 2 (Temperature Stable)
Temperature Characteristics: X7R (-55 to +125ºC, ±15%)
Capacitance
Range Table
C1005 [EIA CC0402]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com