Electronic Components Datasheet Search
  English  ▼

X  

S25FS-S Datasheet(PDF) 101 Page - SPANSION

Part # S25FS-S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS-S Datasheet(HTML) 101 Page - SPANSION

Back Button S25FS-S Datasheet HTML 97Page - SPANSION S25FS-S Datasheet HTML 98Page - SPANSION S25FS-S Datasheet HTML 99Page - SPANSION S25FS-S Datasheet HTML 100Page - SPANSION S25FS-S Datasheet HTML 101Page - SPANSION S25FS-S Datasheet HTML 102Page - SPANSION S25FS-S Datasheet HTML 103Page - SPANSION S25FS-S Datasheet HTML 104Page - SPANSION S25FS-S Datasheet HTML 105Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
101
Da ta
Shee t
(Prelim i nar y )
10.3.12
Read Any Register (RDAR 65h)
The Read Any Register (RDAR) command provides a way to read all device registers - non-volatile and
volatile. The instruction is followed by a 3- or 4-byte address (depending on the address length configuration
CR2V[7], followed by a number of latency (dummy) cycles set by CR2V[3:0]. Then the selected register
contents are returned. If the read access is continued the same addressed register contents are returned until
the command is terminated - only one register is read by each RDAR command.
Reading undefined locations provides undefined data.
The RDAR command may be used during embedded operations to read Status Register 1 (SR1V).
The RDAR command is not used for reading registers that act as a window into a larger array: PPBAR, and
DYBAR. There are separate commands required to select and read the location in the array accessed.
The RDAR command will read invalid data from the PASS register locations if the ASP Password protection
mode is selected by programming ASPR[2] to 0.
Table 10.3 Register Address Map
Byte Address (Hex)
Register Name
Description
00000000
SR1NV
Non-Volatile Status and Configuration Registers
00000001
N/A
00000002
CR1NV
00000003
CR2NV
00000004
CR3NV
00000005
CR4NV
...
N/A
00000010
NVDLR
Non-Volatile Data Learning Register
...
N/A
00000020
PASS[7:0]
Non-Volatile Password Register
00000021
PASS[15:8]
00000022
PASS[23:16]
00000023
PASS[31:24]
00000024
PASS[39:32]
00000025
PASS[47:40]
00000026
PASS[55:48]
00000027
PASS[63:56]
...
N/A
00000030
ASPR[7:0]
Non-Volatile
00000031
ASPR[15:8]
...
N/A
00800000
SR1V
Volatile Status and Configuration Registers
00800001
SR2V
00800002
CR1V
00800003
CR2V
00800004
CR3V
00800005
CR4V
...
N/A
00800010
VDLR
Volatile Data Learning Register
...
N/A
00800040
PPBL
Volatile PPB Lock Register
...
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com