Electronic Components Datasheet Search
  English  ▼

X  

S25FS-S Datasheet(PDF) 105 Page - SPANSION

Part # S25FS-S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS-S Datasheet(HTML) 105 Page - SPANSION

Back Button S25FS-S Datasheet HTML 101Page - SPANSION S25FS-S Datasheet HTML 102Page - SPANSION S25FS-S Datasheet HTML 103Page - SPANSION S25FS-S Datasheet HTML 104Page - SPANSION S25FS-S Datasheet HTML 105Page - SPANSION S25FS-S Datasheet HTML 106Page - SPANSION S25FS-S Datasheet HTML 107Page - SPANSION S25FS-S Datasheet HTML 108Page - SPANSION S25FS-S Datasheet HTML 109Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
105
Da ta
Shee t
(Prelim i nar y )
in Configuration Register 2 to 0. In the FS128S, higher order address bits above A23 in the 4 byte address
commands, or commands using 4-byte address mode are not relevant and are ignored because the flash
array is only 128 Mbits in size.
The Quad I/O and QPI commands provide a performance improvement option controlled by mode bits that
are sent following the address bits. The mode bits indicate whether the command following the end of the
current read will be another read of the same type, without an instruction at the beginning of the read. These
mode bits give the option to eliminate the instruction cycles when doing a series of Quad Read accesses.
Some commands require delay cycles following the address or mode bits to allow time to access the memory
array - read latency. The delay or read latency cycles are traditionally called dummy cycles. The dummy
cycles are ignored by the memory thus any data provided by the host during these cycles is “don’t care” and
the host may also leave the SI signal at high impedance during the dummy cycles. When MIO commands are
used the host must stop driving the IO signals (outputs are high impedance) before the end of last dummy
cycle. When DDR commands are used the host must not drive the I/O signals during any dummy cycle. The
number of dummy cycles varies with the SCK frequency or performance option selected via the Configuration
Register 2 (CR2V[3:0]) Latency Code. Dummy cycles are measured from SCK falling edge to next SCK
falling edge. SPI outputs are traditionally driven to a new value on the falling edge of each SCK. Zero dummy
cycles means the returning data is driven by the memory on the same falling edge of SCK that the host stops
driving address or mode bits.
The DDR commands may optionally have an 8-edge Data Learning Pattern (DLP) driven by the memory, on
all data outputs, in the dummy cycles immediately before the start of data. The DLP can help the host
memory controller determine the phase shift from SCK to data edges so that the memory controller can
capture data at the center of the data eye.
When using SDR I/O commands at higher SCK frequencies (>50 MHz), an LC that provides one or more
dummy cycles should be selected to allow additional time for the host to stop driving before the memory starts
driving data, to minimize I/O driver conflict. When using DDR I/O commands with the DLP enabled, an LC
that provides five or more dummy cycles should be selected to allow one cycle of additional time for the host
to stop driving before the memory starts driving the 4-cycle DLP.
Each read command ends when CS# is returned High at any point during data return. CS# must not be
returned High during the mode or dummy cycles before data returns as this may cause mode bits to be
captured incorrectly; making it indeterminate as to whether the device remains in Continuous Read mode.
10.4.1
Read (Read 03h or 4READ 13h)
The instruction
 03h (CR2V[7]=0) is followed by a 3-byte address (A23-A0) or
 03h (CR2V[7]=1) is followed by a 4-byte address (A31-A0) or
 13h is followed by a 4-byte address (A31-A0)
Then the memory contents, at the address given, are shifted out on SO. The maximum operating clock
frequency for the Read command is 50 MHz.
The address can start at any byte location of the memory array. The address is automatically incremented to
the next higher address in sequential order after each byte of data is shifted out. The entire memory can
therefore be read out with one single read instruction and address 000000h provided. When the highest
address is reached, the address counter will wrap around and roll back to 000000h, allowing the read
sequence to be continued indefinitely.
Figure 10.27 Read Command Sequence (3-Byte Address, 03h or 13h)
Note:
1. A = MSB of address = 23 for CR2V[7]=0, or 31 for CR2V[7]=1 or command 13h.
CS#
SCK
SI
SO
Phase
7
6
5
4
3
2
1
0
A
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Instruction
Address
Data1
DataN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com