Electronic Components Datasheet Search
  English  ▼

X  

S25FS-S Datasheet(PDF) 106 Page - SPANSION

Part # S25FS-S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS-S Datasheet(HTML) 106 Page - SPANSION

Back Button S25FS-S Datasheet HTML 102Page - SPANSION S25FS-S Datasheet HTML 103Page - SPANSION S25FS-S Datasheet HTML 104Page - SPANSION S25FS-S Datasheet HTML 105Page - SPANSION S25FS-S Datasheet HTML 106Page - SPANSION S25FS-S Datasheet HTML 107Page - SPANSION S25FS-S Datasheet HTML 108Page - SPANSION S25FS-S Datasheet HTML 109Page - SPANSION S25FS-S Datasheet HTML 110Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 154 page
background image
106
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
10.4.2
Fast Read (FAST_READ 0Bh or 4FAST_READ 0Ch)
The instruction
 0Bh (CR2V[7]=0) is followed by a 3-byte address (A23-A0) or
 0Bh (CR2V[7]=1) is followed by a 4-byte address (A31-A0) or
 0Ch is followed by a 4-byte address (A31-A0)
The address is followed by dummy cycles depending on the latency code set in the Configuration Register
CR2V[3:0]. The dummy cycles allow the device internal circuits additional time for accessing the initial
address location. During the dummy cycles the data value on SO is “don’t care” and may be high impedance.
Then the memory contents, at the address given, are shifted out on SO.
The maximum operating clock frequency for Fast Read command is 133 MHz.
The address can start at any byte location of the memory array. The address is automatically incremented to
the next higher address in sequential order after each byte of data is shifted out. The entire memory can
therefore be read out with one single read instruction and address 000000h provided. When the highest
address is reached, the address counter will wrap around and roll back to 000000h, allowing the read
sequence to be continued indefinitely.
Figure 10.28 Fast Read (FAST_READ) Command Sequence (3-Byte Address, 0Bh [CR2V[7]=0)
Note:
1. A = MSB of address = 23 for CR2V[7]=0, or 31 for CR2V[7]=1 or command 0Ch.
10.4.3
Dual I/O Read (DIOR BBh or 4DIOR BCh)
The instruction
 BBh (CR2V[7]=0) is followed by a 3-byte address (A23-A0) or
 BBh (CR2V[7]=1) is followed by a 4-byte address (A31-A0) or
 BCh is followed by a 4-byte address (A31-A0)
The Dual I/O Read commands improve throughput with two I/O signals — IO0 (SI) and IO1 (SO). This
command takes input of the address and returns read data two bits per SCK rising edge. In some
applications, the reduced address input and data output time might allow for code execution in place (XIP) i.e.
directly from the memory device.
The maximum operating clock frequency for Dual I/O Read is 133 MHz.
The Dual I/O Read command has Continuous Read mode bits that follow the address so, a series of Dual I/O
Read commands may eliminate the 8-bit instruction after the first Dual I/O Read command sends a mode bit
pattern of Axh that indicates the following command will also be a Dual I/O Read command. The first Dual I/O
Read command in a series starts with the 8-bit instruction, followed by address, followed by four cycles of
mode bits, followed by an optional latency period. If the mode bit pattern is Axh the next command is
assumed to be an additional Dual I/O Read command that does not provide instruction bits. That command
starts with address, followed by mode bits, followed by optional latency.
Variable latency may be added after the mode bits are shifted into SI and SO before data begins shifting out
of IO0 and IO1. This latency period (dummy cycles) allows the device internal circuitry enough time to access
data at the initial address. During the dummy cycles, the data value on SI and SO are “don’t care” and may be
high impedance. The number of dummy cycles is determined by the frequency of SCK. The latency is
configured in CR2V[3:0].
The Continuous Read feature removes the need for the instruction bits in a sequence of read accesses and
greatly improves code execution (XIP) performance. The upper nibble (bits 7-4) of the Mode bits control the
CS#
SCK
SI
SO
Phase
7
6
5
4
3
2
1
0
A
1
0
7
6
5
4
3
2
1
0
Instruction
Address
Dummy Cycles
Data1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com