Electronic Components Datasheet Search
  English  ▼

X  

S25FS-S Datasheet(PDF) 103 Page - SPANSION

Part # S25FS-S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS-S Datasheet(HTML) 103 Page - SPANSION

Back Button S25FS-S Datasheet HTML 99Page - SPANSION S25FS-S Datasheet HTML 100Page - SPANSION S25FS-S Datasheet HTML 101Page - SPANSION S25FS-S Datasheet HTML 102Page - SPANSION S25FS-S Datasheet HTML 103Page - SPANSION S25FS-S Datasheet HTML 104Page - SPANSION S25FS-S Datasheet HTML 105Page - SPANSION S25FS-S Datasheet HTML 106Page - SPANSION S25FS-S Datasheet HTML 107Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
103
Da ta
Shee t
(Prelim i nar y )
10.3.13
Write Any Register (WRAR 71h)
The Write Any Register (WRAR) command provides a way to write any device register - non-volatile or
volatile. The instruction is followed by a 3- or 4-byte address (depending on the address length configuration
CR2V[7], followed by one byte of data to write in the address selected register.
Before the WRAR command can be accepted by the device, a Write Enable (WREN) command must be
issued and decoded by the device, which sets the Write Enable Latch (WEL) in the Status Register to enable
any write operations. The WIP bit in SR1V may be checked to determine when the operation is completed.
The P_ERR and E_ERR bits in SR1V may be checked to determine if any error occurred during the
operation.
Some registers have a mixture of bit types and individual rules controlling which bits may be modified. Some
bits are read only, some are OTP.
Read only bits are never modified and the related bits in the WRAR command data byte are ignored without
setting a program or erase error indication (P_ERR or E_ERR in SR1V). Hence, the value of these bits in the
WRAR data byte do not matter.
OTP bits may only be programmed to the level opposite of their default state. Writing of OTP bits back to their
default state is ignored and no error is set.
Non-Volatile bits which are changed by the WRAR data, require non-volatile register write time (tW) to be
updated. The update process involves an erase and a program operation on the non-volatile register bits. If
either the erase or program portion of the update fails the related error bit and WIP in SR1V will be set to 1.
Volatile bits which are changed by the WRAR data, require the volatile register write time (tCS) to be updated.
Status Register 1 may be repeatedly read (polled) to monitor the Write-In-Progress (WIP) bit (SR1V[0]) and
the error bits (SR1V[6,5]) to determine when the register write is completed or failed. If there is a write failure,
the clear status command is used to clear the error status and enable the device to return to standby state.
However, the PPBL register can not be written by the WRAR command. Only the PPB Lock Bit Write
(PLBWR) command can write the PPBL register.
The command sequence and behavior is the same as the PP or 4PP command with only a single byte of data
provided. See Section 10.5.2, Page Program (PP 02h or 4PP 12h) on page 114.
The address map of the registers is the same as shown for Section 10.3.12, Read Any Register (RDAR 65h)
on page 101.
10.3.14
Set Burst Length (SBL C0h)
The Set Burst Length (SBL) command is used to configure the Burst Wrap feature. Burst Wrap is used in
conjunction with Quad I/O Read and DDR Quad I/O Read, in legacy SPI or QPI Mode, to access a fixed
length and alignment of data. Certain applications can benefit from this feature by improving the overall
system code execution performance. The Burst Wrap feature allows applications that use cache, to start
filling a cache line with instruction or data from a critical address first, then fill the remainder of the cache line
afterwards within a fixed length (8/16/32/64-bytes) of data, without issuing multiple read commands.
The Set Burst Length (SBL) command writes the CR4V register to enable or disable the wrapped read feature
and set the wrap boundary. When enabled the wrapped read feature changes the related read commands
from sequentially reading until the command ends, to reading sequentially wrapped within a group of bytes.
When CR4V[4]=1, the wrap mode is not enabled and unlimited length sequential read is performed.
When CR4V[4]=0, the wrap mode is enabled and a fixed length and aligned group of 8, 16, 32, or 64 bytes is
read starting at the byte address provided by the read command and wrapping around at the group alignment
boundary.
The group of bytes is of length and aligned on an 8-, 16-, 32-, or 64-byte boundary. CR4V[1:0] selects the
boundary. See Configuration Register 4 Volatile (CR4V) on page 72.
The starting address of the read command selects the group of bytes and the first data returned is the
addressed byte. Bytes are then read sequentially until the end of the group boundary is reached. If the read
continues the address wraps to the beginning of the group and continues to read sequentially. This wrapped
read sequence continues until the command is ended by CS# returning high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com