Electronic Components Datasheet Search
  English  ▼

X  

S25FS-S Datasheet(PDF) 112 Page - SPANSION

Part # S25FS-S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS-S Datasheet(HTML) 112 Page - SPANSION

Back Button S25FS-S Datasheet HTML 108Page - SPANSION S25FS-S Datasheet HTML 109Page - SPANSION S25FS-S Datasheet HTML 110Page - SPANSION S25FS-S Datasheet HTML 111Page - SPANSION S25FS-S Datasheet HTML 112Page - SPANSION S25FS-S Datasheet HTML 113Page - SPANSION S25FS-S Datasheet HTML 114Page - SPANSION S25FS-S Datasheet HTML 115Page - SPANSION S25FS-S Datasheet HTML 116Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 154 page
background image
112
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
pattern was chosen to cover both “DC” and “AC” data transition scenarios. The two DC transition scenarios
include data low for a long period of time (two half clocks) followed by a high going transition (001) and the
complementary low going transition (110). The two AC transition scenarios include data low for a short period
of time (one half clock) followed by a high going transition (101) and the complementary low going transition
(010). The DC transitions will typically occur with a starting point closer to the supply rail than the AC
transitions that may not have fully settled to their steady state (DC) levels. In many cases the DC transitions
will bound the beginning of the data valid period and the AC transitions will bound the ending of the data valid
period. These transitions will allow the host controller to identify the beginning and ending of the valid data
eye. Once the data eye has been characterized the optimal data capture point can be chosen. See SPI DDR
Data Learning Registers on page 75 for more details.
In QPI Mode (CR2V[6]=1) the DDR Quad I/O instructions are sent 4 bits per SCK rising edge. The remainder
of the command protocol is identical to the DDR Quad I/O commands.
Figure 10.38 DDR Quad I/O Read Initial Access (3-Byte Address, EDh [CR2V[7]=0)
Figure 10.39 Continuous DDR Quad I/O Read Subsequent Access (3-Byte Address)
Figure 10.40 DDR Quad I/O Read Initial Access (4-Byte Address, EEh or EDh [CR2V[7]=1])
Note:
1. Example DLP of 34h (or 00110100).
CS#
SCK
IO0
IO1
IO2
IO3
Phase
7
6
5
4
3
2
1
0
20 16 12 8 4 0 4 0
7 6 5 4 3 2 1 0 4 0 4 0
21 17 13 9 5 1 5 1
7 6 5 4 3 2 1 0 5 1 5 1
22 18 14 10 6 2 6 2
7 6 5 4 3 2 1 0 6 2 6 2
23 19 15 11 7 3 7 3
7 6 5 4 3 2 1 0 7 3 7 3
Instruction
Address
Mode
Dummy
DLP
D1
D2
CS#
SCK
IO0
IO1
IO2
IO3
Phase
20
16
12
8
4
0
4
0
4
0
4
0
4
0
4
0
4
0
21
17
13
9
5
1
5
1
5
1
5
1
5
1
5
1
5
1
22
18
14
10
6
2
6
2
6
2
6
2
6
2
6
2
6
2
23
19
15
11
7
3
7
3
7
3
7
3
7
3
7
3
7
3
Address
Mode
Dummy
D1
D2
D3
D4
D5
CS#
SCK
IO0
IO1
IO2
IO3
Phase
7
6
5
4
3
2
1
0
28 24 20 16 12 8 4 0 4 0
6
5 4
3 2 1 0
4 0 4 0
29 25 21 17 13 9 5 1 5 1
6
5 4
3 2 1 0
5 1 5 1
30 26 22 18 14 10 6 2 6 2
6
5 4
3 2 1 0
6 2 6 2
31 27 23 19 15 11 7 3 7 3
6
5 4
3 2 1 0
7 3 7 3
Instruction
Address
Mode
Dummy
DLP
D1
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com