Electronic Components Datasheet Search
  English  ▼

X  

S25FS-S Datasheet(PDF) 115 Page - SPANSION

Part # S25FS-S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS-S Datasheet(HTML) 115 Page - SPANSION

Back Button S25FS-S Datasheet HTML 111Page - SPANSION S25FS-S Datasheet HTML 112Page - SPANSION S25FS-S Datasheet HTML 113Page - SPANSION S25FS-S Datasheet HTML 114Page - SPANSION S25FS-S Datasheet HTML 115Page - SPANSION S25FS-S Datasheet HTML 116Page - SPANSION S25FS-S Datasheet HTML 117Page - SPANSION S25FS-S Datasheet HTML 118Page - SPANSION S25FS-S Datasheet HTML 119Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
115
Da ta
Shee t
(Prelim i nar y )
10.6
Erase Flash Array Commands
10.6.1
Parameter 4-kB Sector Erase (P4E 20h or 4P4E 21h)
The main flash array address map may be configured to overlay 4-kB parameter sectors over the lowest
address portion of the lowest address uniform sector (bottom parameter sectors) or over the highest address
portion of the highest address uniform sector (top parameter sectors). The main flash array address map may
also be configured to have only uniform size sectors. The parameter sector configuration is controlled by the
configuration bit CR3V[3]. The P4E and 4P4E commands are ignored when the device is configured for
uniform sectors only (CR3V[3]=1).
The parameter 4-kB Sector Erase commands set all the bits of a 4-kB parameter sector to 1 (all bytes are
FFh). Before the P4E or 4P4E command can be accepted by the device, a Write Enable (WREN) command
must be issued and decoded by the device, which sets the Write Enable Latch (WEL) in the Status Register
to enable any write operations.
The instruction
 20h [CR2V[7]=0] is followed by a 3-byte address (A23-A0), or
 20h [CR2V[7]=1] is followed by a 4-byte address (A31-A0), or
 21h is followed by a 4-byte address (A31-A0)
CS# must be driven into the logic high state after the twenty-fourth or thirty-second bit of the address has
been latched in on SI. This will initiate the beginning of internal erase cycle, which involves the pre-
programming and erase of the chosen sector of the flash memory array. If CS# is not driven high after the last
bit of address, the Sector Erase operation will not be executed.
As soon as CS# is driven high, the internal erase cycle will be initiated. With the internal erase cycle in
progress, the user can read the value of the Write-In Progress (WIP) bit to determine when the operation has
been completed. The WIP bit will indicate a 1. when the erase cycle is in progress and a 0 when the erase
cycle has been completed.
A P4E or 4P4E command applied to a sector that has been write protected through the Block Protection bits
or ASP, will not be executed and will set the E_ERR status. A P4E command applied to a sector that is larger
than 4 kbytes will not be executed and will not set the E_ERR status.
Figure 10.45 Parameter Sector Erase (P4E 20h or 4P4E 21h) Command Sequence
Note:
1. A = MSB of address = A23 for P4E 20h with CR2V[7]=0, or A31 for P4E 20h with CR2V[7]=1 or 4P4E 21h.
This command is also supported in QPI Mode. In QPI Mode the instruction is shifted in on IO0-IO3, two clock
cycles per byte.
CS#
SCK
SI
SO
Phase
7
6
5
4
3
2
1
0
A
1
0
Instruction
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com