Electronic Components Datasheet Search
  English  ▼

X  

S25FS-S Datasheet(PDF) 119 Page - SPANSION

Part # S25FS-S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS-S Datasheet(HTML) 119 Page - SPANSION

Back Button S25FS-S Datasheet HTML 115Page - SPANSION S25FS-S Datasheet HTML 116Page - SPANSION S25FS-S Datasheet HTML 117Page - SPANSION S25FS-S Datasheet HTML 118Page - SPANSION S25FS-S Datasheet HTML 119Page - SPANSION S25FS-S Datasheet HTML 120Page - SPANSION S25FS-S Datasheet HTML 121Page - SPANSION S25FS-S Datasheet HTML 122Page - SPANSION S25FS-S Datasheet HTML 123Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
119
Da ta
Shee t
(Prelim i nar y )
10.6.4
Evaluate Erase Status (EES D0h)
The Evaluate Erase Status (EES) command verifies that the last erase operation on the addressed sector
was completed successfully. If the selected sector was successfully erased the Erase Status bit (SR2V[2]) is
set to 1. If the selected sector was not completely erased SR2V[2] is 0.
The EES command can be used to detect erase operations failed due to loss of power, reset, or failure during
the erase operation.
The EES instruction is followed by a 3- or 4-byte address, depending on the address length configuration
(CR2V[7]). The EES command requires tEES to complete and update the Erase Status in SR2V. The WIP bit
(SR1V[0]) may be read using the RDSR1 (05h) command, to determine when the EES command is finished.
Then the RDSR2 (07h) or the RDAR (65h) command can be used to read SR2V[2]. If a sector is found not
erased with SR2V[2]=0, the sector must be erased again to ensure reliable storage of data in the sector.
The Write Enable command (to set the WEL bit) is not required before the EES command. However, the WEL
bit is set by the device itself and cleared at the end of the operation, as visible in SR1V[1] when reading
status.
Figure 10.51 EES Command Sequence
Note:
1. A = MSB of address = A23 for CR2V[7]=0, or A31 for CR2V[7]=1.
This command is also supported in QPI Mode. In QPI Mode the instruction is shifted in on IO0-IO3, two clock
cycles per byte.
Figure 10.52 EES QPI Mode Command Sequence
Note:
1. A = MSB of address = A23 for CR2V[7]=0, or A31 for CR2V[7]=1.
CS#
SCK
SI
SO
Phase
7
6
5
4
3
2
1
0
A
1
0
Instruction
Address
CS#
SCLK
IO0
IO1
IO2
IO3
Phase
4
0
A-3
4
0
5
1
A-2
5
1
6
2
A-1
6
2
7
3
A
7
3
Instructtion
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com