Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 173 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 173 Page - Texas Instruments

Back Button DM385 Datasheet HTML 169Page - Texas Instruments DM385 Datasheet HTML 170Page - Texas Instruments DM385 Datasheet HTML 171Page - Texas Instruments DM385 Datasheet HTML 172Page - Texas Instruments DM385 Datasheet HTML 173Page - Texas Instruments DM385 Datasheet HTML 174Page - Texas Instruments DM385 Datasheet HTML 175Page - Texas Instruments DM385 Datasheet HTML 176Page - Texas Instruments DM385 Datasheet HTML 177Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 280 page
background image
EMAC[x]_MTCLK
2
3
1
4
4
EMAC[x]_MRCLK
2
3
1
4
4
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
8.6.2
EMAC Electrical Data/Timing
8.6.2.1
EMAC MII and GMII Electrical Data/Timing
GMII mode is not supported for OPP50.
Table 8-11. Timing Requirements for EMAC[x]_MRCLK - [G]MII Operation
(see Figure 8-9)
OPP100/OPP120/Turbo/Nitro
1000 Mbps (1 Gbps)
100 Mbps
10 Mbps
NO.
UNIT
(GMII Only)
MIN
MAX
MIN
MAX
MIN
MAX
1
tc(MRCLK)
Cycle time, EMAC[x]_MRCLK
8
40
400
ns
Pulse duration,
2
tw(MRCLKH)
2.8
14
140
ns
EMAC[x]_MRCLK high
Pulse duration,
3
tw(MRCLKL)
2.8
14
140
ns
EMAC[x]_MRCLK low
Transition time,
4
tt(MRCLK)
1
3
3
ns
EMAC[x]_MRCLK
Figure 8-9. EMAC[x]_MRCLK Timing (EMAC Receive) - [G]MII Operation
Table 8-12. Timing Requirements for EMAC[x]_MTCLK - [G]MII Operation
(see Figure 8-14)
OPP100/OPP120/Turbo/Nitro
1000 Mbps (1 Gbps)
100 Mbps
10 Mbps
NO.
UNIT
(GMII Only)
MIN
MAX
MIN
MAX
MIN
MAX
1
tc(MTCLK)
Cycle time, EMAC[x]_MTCLK
8
40
400
ns
Pulse duration,
2
tw(MTCLKH)
2.8
14
140
ns
EMAC[x]_MTCLK high
Pulse duration,
3
tw(MTCLKL)
2.8
14
140
ns
EMAC[x]_MTCLK low
Transition time,
4
tt(MTCLK)
1
3
3
ns
EMAC[x]_MTCLK
Figure 8-10. EMAC[x]_MTCLK Timing (EMAC Transmit) - [G]MII Operation
Copyright © 2013, Texas Instruments Incorporated
Peripheral Information and Timings
173
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com