Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 177 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 177 Page - Texas Instruments

Back Button DM385 Datasheet HTML 173Page - Texas Instruments DM385 Datasheet HTML 174Page - Texas Instruments DM385 Datasheet HTML 175Page - Texas Instruments DM385 Datasheet HTML 176Page - Texas Instruments DM385 Datasheet HTML 177Page - Texas Instruments DM385 Datasheet HTML 178Page - Texas Instruments DM385 Datasheet HTML 179Page - Texas Instruments DM385 Datasheet HTML 180Page - Texas Instruments DM385 Datasheet HTML 181Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 280 page
background image
EMAC[x]_RGRXD[3:0]
(B)
EMAC[x]_RGRXCTL
(B)
EMAC[x]_RGRXC
(at device)
(A)
5
RXERR
RXDV
1st Half-byte
2nd Half-byte
RGRXD[7:4]
RGRXD[3:0]
2
3
1
4
4
6
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Table 8-20. Timing Requirements for EMAC RGMII Input Receive for 10/100/1000 Mbps(1)
(see Figure 8-16)
OPP100/OPP120/
Turbo/Nitro
NO.
UNIT
MIN
MAX
tsu(RGRXD-
Setup time, receive selected signals valid before
Internal delay
5
1.0
ns
RGRXCH)
EMAC[x]_RGRXC (at device) high/low
enabled
th(RGRXCH-
Hold time, receive selected signals valid after
Internal delay
6
1.0
ns
RGRXD)
EMAC[x]_RGRXC (at device) high/low
enabled
(1)
For RGMII, receive selected signals include: EMAC[x]_RGRXD[3:0] and EMAC[x]_RGRXCTL.
A.
EMAC[x]_RGRXC must be externally delayed relative to the data and control pins. The internal delay can be enabled
or disabled via the EMAC RGMIIn_ID_MODE register.
B.
Data and control information is received using both edges of the clocks. EMAC[x]_RGRXD[3:0] carries data bits 3-0
on the rising edge of EMAC[x]_RGRXC and data bits 7-4 on the falling edge of EMAC[x]_RGRXC. Similarly,
EMAC[x]_RGRXCTL carries RXDV on rising edge of EMAC[x]_RGRXC and RXERR on falling edge of
EMAC[x]_RGRXC.
Figure 8-16. EMAC Receive Interface Timing [RGMII Operation]
Table 8-21. Switching Characteristics Over Recommended Operating Conditions for RGTXC - RGMII
Operation for 10/100/1000 Mbit/s
(see Figure 8-17)
OPP100/OPP120/
Turbo/Nitro
NO.
UNIT
MIN
MAX
10 Mbps
360
440
1
tc(RGTXC)
Cycle time, EMAC[x]_RGTXC
100 Mbps
36
44
ns
1000 Mbps
7.2
8.8
10 Mbps
0.40*tc(RGTXC)
0.60*tc(RGTXC)
2
tw(RGTXCH)
Pulse duration, EMAC[x]_RGTXC high
100 Mbps
0.40*tc(RGTXC)
0.60*tc(RGTXC)
ns
1000 Mbps
0.45*tc(RGTXC)
0.55*tc(RGTXC)
10 Mbps
0.40*tc(RGTXC)
0.60*tc(RGTXC)
3
tw(RGTXCL)
Pulse duration, EMAC[x]_RGTXC low
100 Mbps
0.40*tc(RGTXC)
0.60*tc(RGTXC)
ns
1000 Mbps
0.45*tc(RGTXC)
0.55*tc(RGTXC)
10 Mbps
0.75
4
tt(RGTXC)
Transition time, EMAC[x]_RGTXC
100 Mbps
0.75
ns
1000 Mbps
0.75
Copyright © 2013, Texas Instruments Incorporated
Peripheral Information and Timings
177
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com