Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 220 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 220 Page - Texas Instruments

Back Button DM385 Datasheet HTML 216Page - Texas Instruments DM385 Datasheet HTML 217Page - Texas Instruments DM385 Datasheet HTML 218Page - Texas Instruments DM385 Datasheet HTML 219Page - Texas Instruments DM385 Datasheet HTML 220Page - Texas Instruments DM385 Datasheet HTML 221Page - Texas Instruments DM385 Datasheet HTML 222Page - Texas Instruments DM385 Datasheet HTML 223Page - Texas Instruments DM385 Datasheet HTML 224Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 280 page
background image
DDR[0]_D[0]
DDR[0]_D[7]
DDR[0]_DQM[0]
DDR[0]_DQS[0]
DDR[0]_DQS[0]
DDR[0]_D[8]
DDR[0]_D[15]
DDR[0]_DQM[1]
DDR[0]_DQS[1]
DDR[0]_DQS[1]
DQ0
DQ7
LDM
LDQS
LDQS
DQ8
DQ15
UDM
UDQS
UDQS
BA0
BA2
A0
A15
CS
CAS
RAS
WE
CKE
CK
CK
VREF
DDR[0]_D[16]
DDR[0]_D[23]
DDR[0]_DQM[2]
DDR[0]_DQS[2]
DDR[0]_DQS[2]
DDR[0]_D[24]
DDR[0]_D[31]
DDR[0]_DQM[3]
DDR[0]_DQS[3]
DDR[0]_DQS[3]
DDR[0]_BA[0]
DDR[0]_BA[2]
DDR[0]_A[0]
DDR[0]_A[15]
DDR[0]_CS[0]
DDR[0]_CAS
DDR[0]_RAS
DDR[0]_WE
DDR[0]_CKE
DDR[0]_CLK
DDR[0]_CLK
VREFSSTL_DDR[0]
1 K
1%
Vio 1.8
(A)
DDR2
VREF
0.1 µF
VREF
0.1 µF
1 K
1%
0.1 µF
(B)
0.1 µF
(B)
ODT
NC
NC
NC
1 K
NC
NC
1 K
1 K
1 K
DDR[0]_VTP
50
( 2%)
±
Vio 1.8
(A)
Vio 1.8
(A)
T0
T0
T0
T0
T0
T0
T0
T0
T0
T0
T0
T0
T0
Termination is required. See terminator comments.
DDR[0]_ODT[0]
DDR[0]_RST
NC
NC
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
A.
Vio1.8 is the power supply for the DDR2 memories and the device DDR2 interface.
B.
One of these capacitors can be eliminated if the divider and its capacitors are placed near a VREF pin.
Figure 8-49. 16-Bit DDR2 High-Level Schematic
220
Peripheral Information and Timings
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com