Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 223 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 223 Page - Texas Instruments

Back Button DM385 Datasheet HTML 219Page - Texas Instruments DM385 Datasheet HTML 220Page - Texas Instruments DM385 Datasheet HTML 221Page - Texas Instruments DM385 Datasheet HTML 222Page - Texas Instruments DM385 Datasheet HTML 223Page - Texas Instruments DM385 Datasheet HTML 224Page - Texas Instruments DM385 Datasheet HTML 225Page - Texas Instruments DM385 Datasheet HTML 226Page - Texas Instruments DM385 Datasheet HTML 227Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 280 page
background image
A1
A1
X
Recommended DDR2 Device
Orientation
Y
X
1
X
1
OFFSET
X
1
OFFSET
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
8.13.2.2.4 Placement
Figure 8-50 shows the required placement for the processor as well as the DDR2 devices. The
dimensions for this figure are defined in Table 8-51. The placement does not restrict the side of the PCB
on which the devices are mounted. The ultimate purpose of the placement is to limit the maximum trace
lengths and allow for proper routing space. For a 16-bit DDR memory system, the high-word DDR2 device
is omitted from the placement.
Figure 8-50. Device and DDR2 Device Placement
Table 8-51. Placement Specifications
NO.
PARAMETER
MIN
MAX
UNIT
1
X + Y(1)(2)
1660
Mils
2
X'(1)(2)
1280
Mils
3
X' Offset(1)(2) (3)
650
Mils
4
DDR2 keepout region(4)
5
Clearance from non-DDR2 signal to DDR2 keepout region(5)
4
w
(1)
For dimension definitions, see Figure 8-48.
(2)
Measurements from center of processor to center of DDR2 device.
(3)
For 16-bit memory systems, it is recommended that X' offset be as small as possible.
(4)
DDR2 keepout region to encompass entire DDR2 routing area.
(5)
Non-DDR2 signals allowed within DDR2 keepout region provided they are separated from DDR2 routing layers by a ground plane.
Copyright © 2013, Texas Instruments Incorporated
Peripheral Information and Timings
223
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com