Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 225 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 225 Page - Texas Instruments

Back Button DM385 Datasheet HTML 221Page - Texas Instruments DM385 Datasheet HTML 222Page - Texas Instruments DM385 Datasheet HTML 223Page - Texas Instruments DM385 Datasheet HTML 224Page - Texas Instruments DM385 Datasheet HTML 225Page - Texas Instruments DM385 Datasheet HTML 226Page - Texas Instruments DM385 Datasheet HTML 227Page - Texas Instruments DM385 Datasheet HTML 228Page - Texas Instruments DM385 Datasheet HTML 229Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 280 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Table 8-53. High-Speed Bypass Capacitors
NO.
PARAMETER
MIN
MAX
UNIT
1
HS bypass capacitor package size(1)
0402
10 Mils
2
Distance from HS bypass capacitor to device being bypassed
250
Mils
3
Number of connection vias for each HS bypass capacitor(2)
2
Vias
4
Trace length from bypass capacitor contact to connection via
1
30
Mils
5
Number of connection vias for each processor power/ground ball
1
Vias
6
Trace length from processor power/ground ball to connection via
35
Mils
7
Number of connection vias for each DDR2 device power/ground ball
1
Vias
8
Trace length from DDR2 device power/ground ball to connection via
35
Mils
9
DVDD18 HS bypass capacitor count(3)
20
Devices
10
DVDD18 HS bypass capacitor total capacitance
1.2
μF
11
DDR device HS bypass capacitor count(4)(5)
8
Devices
12
DDR device HS bypass capacitor total capacitance(5)
0.4
μF
(1)
LxW, 10-mil units, that is, a 0402 is a 40x20-mil surface-mount capacitor.
(2)
An additional HS bypass capacitor can share the connection vias only if it is mounted on the opposite side of the board.
(3)
These devices should be placed as close as possible to the device being bypassed.
(4)
These devices should be placed as close as possible to the device being bypassed.
(5)
Per DDR device.
8.13.2.2.8 Net Classes
Table 8-54 lists the clock net classes for the DDR2 interface. Table 8-55 lists the signal net classes, and
associated clock net classes, for the signals in the DDR2 interface. These net classes are used for the
termination and routing rules that follow.
Table 8-54. Clock Net Class Definitions
CLOCK NET CLASS
PROCESSOR PIN NAMES
CK
DDR[0]_CLK/DDR[0]_CLK
DQS0
DDR[0]_DQS[0]/DDR[0]_DQS[0]
DQS1
DDR[0]_DQS[1]/DDR[0]_DQS[1]
DQS2(1)
DDR[0]_DQS[2]/DDR[0]_DQS[2]
DQS3(1)
DDR[0]_DQS[3]/DDR[0]_DQS[3]
(1)
Only used on 32-bit wide DDR2 memory systems.
Copyright © 2013, Texas Instruments Incorporated
Peripheral Information and Timings
225
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com