Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 227 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 227 Page - Texas Instruments

Back Button DM385 Datasheet HTML 223Page - Texas Instruments DM385 Datasheet HTML 224Page - Texas Instruments DM385 Datasheet HTML 225Page - Texas Instruments DM385 Datasheet HTML 226Page - Texas Instruments DM385 Datasheet HTML 227Page - Texas Instruments DM385 Datasheet HTML 228Page - Texas Instruments DM385 Datasheet HTML 229Page - Texas Instruments DM385 Datasheet HTML 230Page - Texas Instruments DM385 Datasheet HTML 231Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 280 page
background image
A1
A1
C
B
A´´
T
A = A´ + A´´
A´
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
8.13.2.3 DDR2 CK and ADDR_CTRL Routing
Figure 8-53 shows the topology of the routing for the CK and ADDR_CTRL net classes. The route is a
balanced T as it is intended that the length of segments B and C be equal. In addition, the length of A
(A'+A'') should be maximized.
Figure 8-53. CK and ADDR_CTRL Routing and Topology
Table 8-57. CK and ADDR_CTRL Routing Specification (1)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
Center-to-center CK-CK spacing
2w
2
CK/CK skew(1)
25
Mils
3
CK A-to-B/A-to-C skew length mismatch(2)
25
Mils
4
CK B-to-C skew length mismatch
25
Mils
5
Center-to-center CK to other DDR2 trace spacing(3)
4w
6
CK/ADDR_CTRL nominal trace length(4)
CACLM-50
CACLM
CACLM+50
Mils
7
ADDR_CTRL-to-CK skew length mismatch
100
Mils
8
ADDR_CTRL-to-ADDR_CTRL skew length mismatch
100
Mils
9
Center-to-center ADDR_CTRL to other DDR2 trace spacing(3)
4w
10
Center-to-center ADDR_CTRL to other ADDR_CTRL trace spacing(3)
3w
11
ADDR_CTRL A-to-B/A-to-C skew length mismatch(2)
100
Mils
12
ADDR_CTRL B-to-C skew length mismatch
100
Mils
(1)
The length of segment A = A' + A
′′ as shown in Figure 8-53.
(2)
Series terminator, if used, should be located closest to the device.
(3)
Center-to-center spacing is allowed to fall to minimum (2w) for up to 500 mils of routed length to accommodate BGA escape and routing
congestion.
(4)
CACLM is the longest Manhattan distance of the CK and ADDR_CTRL net classes.
Copyright © 2013, Texas Instruments Incorporated
Peripheral Information and Timings
227
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com