Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 232 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 232 Page - Texas Instruments

Back Button DM385 Datasheet HTML 228Page - Texas Instruments DM385 Datasheet HTML 229Page - Texas Instruments DM385 Datasheet HTML 230Page - Texas Instruments DM385 Datasheet HTML 231Page - Texas Instruments DM385 Datasheet HTML 232Page - Texas Instruments DM385 Datasheet HTML 233Page - Texas Instruments DM385 Datasheet HTML 234Page - Texas Instruments DM385 Datasheet HTML 235Page - Texas Instruments DM385 Datasheet HTML 236Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 280 page
background image
DQ7
DQ0
DM/TQS
DQS
DQS
DQ7
DQ0
DM/TQS
DQS
DQS
CK
DDR[0]_D[31]
DDR[0]_D[24]
8-Bit DDR3
Devices
0.1 µF
50
2
(± %)
0.1 µF
0.1 µF
32-bit DDR3 EMIF
DDR[0]_DQM[3]
DDR[0]_DQS[3]
DDR[0]_DQS[3]
DDR[0]_D[23]
DDR[0]_D[16]
DDR[0]_DQM[2]
DDR[0]_DQS[2]
DDR[0]_DQS[2]
DDR[0]_D[15]
DDR[0]_D[8]
DDR[0]_DQM[1]
DDR[0]_DQS[1]
DDR[0]_DQS[1]
DDR[0]_D[7]
DDR[0]_D[0]
DDR[0]_DQM[0]
DDR[0]_DQS[0]
DDR[0]_DQS[0]
DDR[0]_CLK
DDR[0]_CLK
DDR[0]_ODT[0]
DDR[0]_CS[0]
DDR[0]_BA[0]
DDR[0]_BA[1]
DDR[0]_BA[2]
DDR[0]_A[0]
DDR[0]_A[15]
DDR[0]_CAS
DDR[0]_RAS
DDR[0]_WE
DDR[0]_CKE
DDR[0]_RST
VREFSSTL_DDR[0]
DDR[0]_VTP
8
8
8
8
16
CK
ODT
BA1
BA0
BA2
CS
A0
A15
CAS
RAS
WE
RST
CKE
ZQ
VREFDQ
VREFCA
ZQ
CK
CK
ODT
BA1
BA0
BA2
CS
A0
A15
CAS
RAS
WE
RST
CKE
ZQ
VREFDQ
VREFCA
Termination is required. See terminator comments.
Zo
Value determined according to the DDR memory device data sheet.
ZQ
DQ7
DQ0
DM/TQS
DQS
DQS
CK
DQ7
DM/TQS
DQS
DQS
8-Bit DDR3
Devices
0.1 µF
0.1 µF
DQ0
CK
ODT
BA1
BA0
BA2
CS
A0
A15
CAS
RAS
WE
RST
CKE
ZQ
VREFDQ
VREFCA
CK
CK
ODT
BA1
BA0
BA2
CS
A0
A15
CAS
RAS
WE
RST
CKE
ZQ
VREFDQ
VREFCA
ZQ
Zo
Zo
Zo
Zo
DDR_VREF
DDR_VTT
DVDD_DDR[0]
ZQ
ZQ
TDQS
NC
NC
TDQS
TDQS
NC
TDQS
NC
0.1 µF
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
Figure 8-57. 32-Bit, One-Bank DDR3 Interface Schematic Using Four 8-Bit DDR3 Devices
232
Peripheral Information and Timings
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com