Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 234 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 234 Page - Texas Instruments

Back Button DM385 Datasheet HTML 230Page - Texas Instruments DM385 Datasheet HTML 231Page - Texas Instruments DM385 Datasheet HTML 232Page - Texas Instruments DM385 Datasheet HTML 233Page - Texas Instruments DM385 Datasheet HTML 234Page - Texas Instruments DM385 Datasheet HTML 235Page - Texas Instruments DM385 Datasheet HTML 236Page - Texas Instruments DM385 Datasheet HTML 237Page - Texas Instruments DM385 Datasheet HTML 238Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 280 page
background image
DDR3
Controller
Y
X1
X2
X2
X2
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
Table 8-64. PCB Stackup Specifications
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
PCB routing/plane layers
4
6
2
Signal routing layers
2
3
Full ground reference layers under DDR3 routing region(1)
1
4
Full 1.35-V/1.5-V power reference layers under the DDR3 routing region(1)
1
5
Number of reference plane cuts allowed within DDR routing region(2)
0
6
Number of layers between DDR3 routing layer and reference plane(3)
0
7
PCB feature spacing
4
Mils
8
PCB trace width, w
4
Mils
9
PCB BGA escape via pad size(4)
18
20
Mils
10
PCB BGA escape via hole size
10
Mils
11
Processor BGA pad size
0.4
mm
13
Single-ended impedance, Zo
50
75
Ω
14
Impedance control(5)
Z-5
Z
Z+5
Ω
(1)
Ground reference layers are preferred over power reference layers. Be sure to include bypass caps to accommodate reference layer
return current as the trace routes switch routing layers.
(2)
No traces should cross reference plane cuts within the DDR routing region. High-speed signal traces crossing reference plane cuts
create large return current paths which can lead to excessive crosstalk and EMI radiation.
(3)
Reference planes are to be directly adjacent to the signal plane to minimize the size of the return current loop.
(4)
An 18-mil pad assumes Via Channel is the most economical BGA escape. A 20-mil pad may be used if additional layers are available
for power routing. An 18-mil pad is required for minimum layer count escape.
(5)
Z is the nominal singled-ended impedance selected for the PCB specified by item 13.
8.13.3.6 Placement
Figure 8-58 shows the required placement for the processor as well as the DDR3 devices. The
dimensions for this figure are defined in Table 8-65. The placement does not restrict the side of the PCB
on which the devices are mounted. The ultimate purpose of the placement is to limit the maximum trace
lengths and allow for proper routing space. For a 16-bit DDR memory system, the high-word DDR3
devices are omitted from the placement.
Figure 8-58. Placement Specifications
234
Peripheral Information and Timings
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com