Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 238 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 238 Page - Texas Instruments

Back Button DM385 Datasheet HTML 234Page - Texas Instruments DM385 Datasheet HTML 235Page - Texas Instruments DM385 Datasheet HTML 236Page - Texas Instruments DM385 Datasheet HTML 237Page - Texas Instruments DM385 Datasheet HTML 238Page - Texas Instruments DM385 Datasheet HTML 239Page - Texas Instruments DM385 Datasheet HTML 240Page - Texas Instruments DM385 Datasheet HTML 241Page - Texas Instruments DM385 Datasheet HTML 242Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 280 page
background image
A1
A2
Processor
Address and Control
Output Buffer
DDR Address and Control Input Buffers
A3
A4
A3
AT
Vtt
Address and Control
Terminator
Rtt
A1
A2
Processor
Differential Clock
Output Buffer
DDR Differential CK Input Buffers
Routed as Differential Pair
A3
A4
A3
AT
Rcp
Clock Parallel
Terminator
A1
A2
A3
A4
A3
AT
Rcp
Cac
DVDD_DDR[0]
0.1 µF
+
–
+ –
+ –
+ –
+ –
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
8.13.3.14 CK and ADDR_CTRL Topologies and Routing Definition
The CK and ADDR_CTRL net classes are routed similarly and are length matched to minimize skew
between them. CK is a bit more complicated because it runs at a higher transition rate and is differential.
The following subsections show the topology and routing for various DDR3 configurations for CK and
ADDR_CTRL. The figures in the following subsections define the terms for the routing specification
detailed in Table 8-70.
8.13.3.14.1 Four DDR3 Devices
Four DDR3 devices are supported on the DDR EMIF consisting of four x8 DDR3 devices arranged as one
bank (CS). These four devices may be mounted on a single side of the PCB, or may be mirrored in two
pairs to save board space at a cost of increased routing complexity and parts on the backside of the PCB.
8.13.3.14.1.1 CK and ADDR_CTRL Topologies, Four DDR3 Devices
Figure 8-60 shows the topology of the CK net classes and Figure 8-61 shows the topology for the
corresponding ADDR_CTRL net classes.
Figure 8-60. CK Topology for Four x8 DDR3 Devices
Figure 8-61. ADDR_CTRL Topology for Four x8 DDR3 Devices
8.13.3.14.1.2 CK and ADDR_CTRL Routing, Four DDR3 Devices
Figure 8-62 shows the CK routing for four DDR3 devices placed on the same side of the PCB. Figure 8-63
shows the corresponding ADDR_CTRL routing.
238
Peripheral Information and Timings
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com